Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F157IPM Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F157IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F157IPM Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F157IPM Datasheet HTML 21Page - Texas Instruments MSP430F157IPM Datasheet HTML 22Page - Texas Instruments MSP430F157IPM Datasheet HTML 23Page - Texas Instruments MSP430F157IPM Datasheet HTML 24Page - Texas Instruments MSP430F157IPM Datasheet HTML 25Page - Texas Instruments MSP430F157IPM Datasheet HTML 26Page - Texas Instruments MSP430F157IPM Datasheet HTML 27Page - Texas Instruments MSP430F157IPM Datasheet HTML 28Page - Texas Instruments MSP430F157IPM Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
MSP430x15x, MSP430x16x, MSP430x161x
MIXED SIGNAL MICROCONTROLLER
SLAS368D− OCTOBER 2002− REVISED MARCH 2005
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
MSP430F15x/16x supply current into AVCC + DVCC excluding external current (AVCC = DVCC = VCC)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Active mode, (see Note 1)
f
= f
= 1 MHz,
°
°
VCC = 2.2 V
330
400
f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
XTS=0, SELM=(0,1)
TA = −40°C to 85°C
VCC = 3 V
500
600
µA
I(AM)
Active mode, (see Note 1)
f
= f
= 4,096 Hz,
°
°
VCC = 2.2 V
2.5
7
f(MCLK) = f(SMCLK) = 4,096 Hz,
f(ACLK) = 4,096 Hz
XTS=0, SELM=3
TA = −40°C to 85°C
VCC = 3 V
9
20
µA
Low-power mode, (LPM0)
f(MCLK) = 0 MHz, f(SMCLK) = 1 MHz,
°
°
VCC = 2.2 V
50
60
I(LPM0)
f(ACLK) = 32,768 Hz
XTS=0, SELM=(0,1)
(see Note 1)
TA = −40°C to 85°C
VCC = 3 V
75
90
µA
Low-power mode, (LPM2),
°
°
VCC = 2.2 V
11
14
I(LPM2)
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32.768 Hz, SCG0 = 0
TA = −40°C to 85°C
VCC = 3 V
17
22
µA
TA = −40°C
1.1
1.6
TA = 25°C
VCC = 2.2 V
1.1
1.6
Low-power mode, (LPM3)
f
= f
= 0 MHz,
TA = 85°C
VCC = 2.2 V
2.2
3.0
I(LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 1
TA = −40°C
2.2
2.8
µA
(ACLK)
(see Note 2)
TA = 25°C
VCC = 3 V
2.0
2.6
TA = 85°C
VCC = 3 V
3.0
4.3
TA = −40°C
0.1
0.5
I(LPM4)
Low-power mode, (LPM4)
f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz,
TA = 25°C
VCC =
0.2
0.5
µA
I(LPM4)
f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz,
f(ACLK) = 0 Hz, SCG0 = 1
TA = 85°C
2.2V / 3 V
1.3
2.5
µA
NOTES:
1. Timer_B is clocked by f(DCOCLK) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
2. WDT is clocked by f(ACLK) = 32,768 Hz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current. The current
consumption in LPM2 and LPM3 are measured with ACLK selected.
Current consumption of active mode versus system frequency, F-version
I(AM) = I(AM) [1 MHz]
× f(System) [MHz]
Current consumption of active mode versus supply voltage, F-version
I(AM) = I(AM) [3 V] + 210 µA/V × (VCC – 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com