Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESE1-M Datasheet(PDF) 4 Page - CUI INC

Part # PESE1-M
Description  DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PESE1-M Datasheet(HTML) 4 Page - CUI INC

  PESE1-M Datasheet HTML 1Page - CUI INC PESE1-M Datasheet HTML 2Page - CUI INC PESE1-M Datasheet HTML 3Page - CUI INC PESE1-M Datasheet HTML 4Page - CUI INC PESE1-M Datasheet HTML 5Page - CUI INC PESE1-M Datasheet HTML 6Page - CUI INC PESE1-M Datasheet HTML 7Page - CUI INC PESE1-M Datasheet HTML 8Page - CUI INC PESE1-M Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
cui.com
date 05/10/2019
│ page 4 of 11
CUI Inc
│ SERIES: PESE1-M │ DESCRIPTION: DC-DC CONVERTER
units: mm [inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
single output models: 13.20 x 8.50 x 7.25[0.520 x 0.335 x 0.285 inch]
dual output models: 15.24 x 8.50 x 7.25[0.600 x 0.335 x 0.285 inch]
mm
mm
case material
black flame-retardant and heat-resistant plastic (UL94V-0)
weight
1.4
g
MECHANICAL DRAWING (SINGLE OUTPUT)
PIN CONNECTIONS
PIN
Function
1
GND
2
Vin
4
0V
5
+Vout
8
NC
Recommended PCB Layout
Top View
0
50
100
150
200
250
245
217
Time (sec.)
60 sec max
(>217°C)
Peak Temp 245°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
see reflow soldering profile
Maximum duration >217°C is 60 seconds.
For actual application, refer to IPC/JEDEC J-STD-020D.1
245
°C
NC = No connect
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com