Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HLMP-AD87-RU0XX Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HLMP-AD87-RU0XX
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AD87-RU0XX Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-AD87-RU0XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AlInGaP Red 630nm
InGaN Blue and Green
Figure 1. Relative intensity vs. wavelength
Figure 2. Forward current vs. forward voltage
Figure 3. Forward current vs. ambient
temperature
Figure 4. Relative luminous intensity vs.
forward current
Figure 5. Relative Intensity vs. Wavelength
Figure 6. Forward current vs. forward voltage.
Figure 7. Forward Current vs. Ambient
Temperature.
WAVELENGTH – nm
1.0
0.5
0
600
700
650
550
0
40
20
VF - FORWARD VOLTAGE - V
0
3.0
1.5
2.0
2.5
10
30
50
1.0
0.5
0
0
AMBIENT TEMPERATURE - ˚C
40
80
50
40
30
20
10
20
60
100
60
R
θJ-A = 585˚C/W
R
θJ-A = 780˚C/W
0
0
FORWARD CURRENT - mA
20
40
2.0
1.0
50
0.5
1.5
2.5
30
10
WAVELENGTH - nm
350
400
450
500
550
600
650
1.00
BLUE
0
0.80
0.60
0.40
0.20
GREEN
0
30
10
0
3.0
20
2.0
1.0
FORWARD VOLTAGE - V
4.0
GREEN
BLUE
0
0
TA - AMBIENT TEMPERATURE - ˚C
40
80
40
10
20
60
100
20
30
R
θJ-A = 585˚C/W
R
θJ-A = 780˚C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com