Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB11NB40T4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB11NB40T4
Description  N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NB40T4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB11NB40T4 Datasheet HTML 3Page - STMicroelectronics STB11NB40T4 Datasheet HTML 4Page - STMicroelectronics STB11NB40T4 Datasheet HTML 5Page - STMicroelectronics STB11NB40T4 Datasheet HTML 6Page - STMicroelectronics STB11NB40T4 Datasheet HTML 7Page - STMicroelectronics STB11NB40T4 Datasheet HTML 8Page - STMicroelectronics STB11NB40T4 Datasheet HTML 9Page - STMicroelectronics STB11NB40T4 Datasheet HTML 10Page - STMicroelectronics STB11NB40T4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
STB11NB40/STB11NB40-1
Figure 14. Unclamped Inductive Load Test
Circuit
Figure 15. Unclamped Inductive Waveforms
Figure 16. Switching Times Test Circuits For
Resistive Load
Figure 17. Gate Charge Test Circuit
Figure 18. Test Circuit For Inductive Load
Switching And Diode Recovery Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com