Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7613WBBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7613WBBCZ
Description  LVDS Display Bridge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613WBBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADV7613WBBCZ Datasheet HTML 1Page - Analog Devices ADV7613WBBCZ Datasheet HTML 2Page - Analog Devices ADV7613WBBCZ Datasheet HTML 3Page - Analog Devices ADV7613WBBCZ Datasheet HTML 4Page - Analog Devices ADV7613WBBCZ Datasheet HTML 5Page - Analog Devices ADV7613WBBCZ Datasheet HTML 6Page - Analog Devices ADV7613WBBCZ Datasheet HTML 7Page - Analog Devices ADV7613WBBCZ Datasheet HTML 8Page - Analog Devices ADV7613WBBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADV7613
Data Sheet
Rev. C | Page 4 of 13
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
DVDD = 1.71 V to 1.89 V, DVDDIO = 3.135 V to 3.465 V, PVDD = 1.71 V to 1.89 V, TVDD = 3.135 V to 3.465 V, CVDD = 1.71 V to
1.89 V, LTX_VDD = 1.71 V to 1.89 V. TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS
Input High Voltage
VIH
XTALN and XTALP pins
1.2
V
Other digital inputs
2
V
Input Low Voltage
VIL
XTALN and XTALP pins
0.4
V
Other digital inputs
0.8
V
Input Current
IIN
CS pin
−60
+60
µA
XTALN and XTALP pins
±15
µA
Other digital inputs
±10
µA
Input Capacitance1
CIN
10
pF
DIGITAL INPUTS (5 V TOLERANT)2
DDCA_SCL, DDCA_SDA
Input High Voltage
VIH
2.6
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
−80
+80
µA
Input Leakage Current
IIN
RXA_5V
−100
+100
µA
DIGITAL OUTPUTS
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.4
V
High Impedance Leakage
Current
ILEAK
HPA_A3
−100
+100
µA
Other digital outputs
−10
+10
µA
Output Capacitance4
COUT
20
pF
POWER REQUIREMENTS
Termination Power Supply
TVDD
3.135
3.3
3.465
V
Digital Input/Output (I/O)
Power Supply
DVDDIO
3.135
3.3
3.465
V
Digital Core Power Supply
DVDD
1.71
1.8
1.89
V
Phase-Locked Loop (PLL)
Power Supply
PVDD
1.71
1.8
1.89
V
Comparator Power Supply
CVDD
1.71
1.8
1.89
V
LVDS Power Supply
LTX_VDD
1.71
1.8
1.89
V
CURRENT CONSUMPTION4
Configuration 1
Pseudorandom test pattern; 1360 × 768p at 60 Hz input
resolution; 85 MHz pixel clock; 25°C operating temperature;
DVDD, PVDD, CVDD, and LTX_DVDD = 1.8 V; DVDDIO and
TVDD = 3.3 V; LVDS Port 2 used
Termination Power Supply
ITVDD
50
mA
Digital I/O Power Supply
IDVDDIO
6
mA
Digital Core Power Supply
IDVDD
68
mA
PLL Power Supply
IPVDD
29
mA
Comparator Power Supply
ICVDD
65
mA
LVDS Power Supply
ILTX_VDD
45
mA
Configuration 2
Checker one-dot × one-dot test pattern; 1920 × 720p at
60 Hz input resolution; 92 MHz pixel clock; 25°C operating
temperature; DVDD, PVDD, CVDD, and LTX_DVDD = 1.8 V;
DVDDIO and TVDD = 3.3 V; LVDS Port 2 used
Termination Power Supply
ITVDD
58
mA
Digital I/O Power Supply
IDVDDIO
6
mA
Digital Core Power Supply
IDVDD
102
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com