Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F2V Datasheet(PDF) 66 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 62Page - STMicroelectronics PSD813F2V Datasheet HTML 63Page - STMicroelectronics PSD813F2V Datasheet HTML 64Page - STMicroelectronics PSD813F2V Datasheet HTML 65Page - STMicroelectronics PSD813F2V Datasheet HTML 66Page - STMicroelectronics PSD813F2V Datasheet HTML 67Page - STMicroelectronics PSD813F2V Datasheet HTML 68Page - STMicroelectronics PSD813F2V Datasheet HTML 69Page - STMicroelectronics PSD813F2V Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
66/110
PSD Chip Select Input (CSI, PD2)
PD2 of Port D can be configured in PSDsoft Ex-
press as PSD Chip Select Input (CSI). When Low,
the signal selects and enables the internal Flash
memory, EEPROM, SRAM, and I/O blocks for
READ or WRITE operations involving the PSD. A
High on PSD Chip Select Input (CSI, PD2) dis-
ables the Flash memory, EEPROM, and SRAM,
and reduces the PSD power consumption. How-
ever, the PLD and I/O signals remain operational
when PSD Chip Select Input (CSI, PD2) is High.
There may be a timing penalty when using PSD
Chip Select Input (CSI, PD2) depending on the
speed grade of the PSD that you are using. See
the timing parameter tSLQV in Table 61., page 94
or Table 62., page 95.
Input Clock
The PSD provides the option to turn off CLKIN
(PD1) to the PLD to save AC power consumption.
CLKIN (PD1) is an input to the PLD AND Array and
the Output Macrocells (OMC).
During Power-down mode, or, if CLKIN (PD1) is
not being used as part of the PLD logic equation,
the clock should be disabled to save AC power.
CLKIN (PD1) is disconnected from the PLD AND
Array or the Macrocells block by setting Bits 4 or 5
to a 1 in PMMR0.
Input Control Signals
The PSD provides the option to turn off the input
control signals (CNTL0, CNTL1, CNTL2, Address
Strobe (ALE/AS, PD0) and DBE) to the PLD to
save AC power consumption. These control sig-
nals are inputs to the PLD AND Array. During
Power-down mode, or, if any of them are not being
used as part of the PLD logic equation, these con-
trol signals should be disabled to save AC power.
They are disconnected from the PLD AND Array
by setting Bits 2, 3, 4, 5, and 6 to a 1 in PMMR2.
Table 32. APD Counter Operation
APD Enable Bit
ALE PD Polarity
ALE Level
APD Counter
0
X
X
Not Counting
1
X
Pulsing
Not Counting
1
1
1
Counting (Generates PDN after 15 Clocks)
1
0
0
Counting (Generates PDN after 15 Clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com