Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT1608ZGC/G Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT1608ZGC/G
Description  1.6 x 0.8 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT1608ZGC/G Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT1608ZGC/G Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT1608ZGC/G Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT1608ZGC/G Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT1608ZGC/G Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAJ8615 / 1203010110 Rev No: V.6B Date: 06/28/2018
Page 1 / 4
DESCRIPTIONS
The Green source color devices are made with InGaN
Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
1.6 mm x 0.8 mm SMD LED, 0.75 mm thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
SELECTION GUIDE
APT1608ZGC/G
1.6 x 0.8 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APT1608ZGC/G
■ Green (InGaN)
Water Clear
500
800
130
°
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APT1608ZGC/G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608ZGC/G KINGBRIGHT-APT1608ZGC/G Datasheet
283Kb / 5P
1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - APT1608ZGC/G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608PGW KINGBRIGHT-APT1608PGW Datasheet
265Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LSYCK KINGBRIGHT-APHD1608LSYCK Datasheet
306Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LVBC-D KINGBRIGHT-APHD1608LVBC-D Datasheet
305Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LZGCK KINGBRIGHT-APHD1608LZGCK Datasheet
303Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SYCK-AMT KINGBRIGHT-APT1608SYCK-AMT Datasheet
327Kb / 5P
1.6 x 0.8 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPT-1608SYCK TO-GRACE-KPT-1608SYCK Datasheet
846Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPT-1608SURCK TO-GRACE-KPT-1608SURCK Datasheet
879Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KP-1608SURCK TO-GRACE-KP-1608SURCK Datasheet
846Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPC-1608SECK-J4-PRV TO-GRACE-KPC-1608SECK-J4-PRV Datasheet
905Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
KPH-1608QBC-D TO-GRACE-KPH-1608QBC-D Datasheet
849Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com