| Electronic Components Datasheet Search |
|
ASTMB8 Datasheet(PDF) 2 Page - General Cable Technologies Corporation |
|
|
|||||||||||||||||||||||||||||
ASTMB8 Datasheet(HTML) 2 Page - General Cable Technologies Corporation |
|
2 / 9 page ![]() Type XHHW-2 or RHH/RHW-2/USE-2 GenFree ® II LSZH XLPO Single Conductor 2 Specifications 5075, 5125 & 5275 GenFree II LSZH XLPO Low-Voltage Power Single and Dual Layer Cross-linked Polyolefin Single Conductor Rated for 600 Volts or 2000 Volts (AC or DC) For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial I. SCOPE This specification covers single conductor wire and cable rated at 600 volts or 2000 volts, AC or DC, insulated with General Cable’s Low-Smoke, Zero-Halogen insulation, a thermosetting irradiation cross-linked polyolefin which is flame-retardant, moisture- and oil-resistant, and mechanically tough. II. APPLICATION DOCUMENTS The wire and cable manufactured under this specification shall be tested and inspected in accordance with the latest issues of the following standards, as applicable or as modified herein: ASTM B33 Standard for Tin-Coated Soft or Annealed Copper Wire (5075 & 5275) ASTM B3 Standard for Soft or Annealed Copper Wire (5125) ASTM B8 Standard for Concentric-Lay-Stranded Copper Conductors, Hard, Medium- Hard, or Soft UL 854 Standard for Service-Entrance Cables (5075 & 5275) IEEE Std 1202 Standard for Flame-Propagation Testing of Wire and Cable ICEA S-95-658 ICEA/NEMA Standard for Non-shielded Power Cables Rated 2000 Volt or Less for Distribution of Electrical Energy (NEMA WC 70) ICEA T-33-655 ICEA/NEMA Standard for Low-Smoke, Zero-Halogen (LSZH) Polymeric Cable Jackets UL 44 Standard for Thermoset-Insulated Wires and Cables UL 1685 Standard for Vertical-Tray Fire-Propagation and Smoke-Release Test for Electrical and Optical-Fiber Cables |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |