Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D64CSIPR Datasheet(PDF) 45 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D64CSIPR
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D64CSIPR Datasheet(HTML) 45 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D64CSIPR Datasheet HTML 41Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 42Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 43Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 44Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 45Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 46Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 47Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 48Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64CSIPR Datasheet HTML 49Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
45
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A Write
Enable instruction must be executed before the device will accept the Chip Erase Instruction (Status Register
bit WEL must equal 1). The instruction is initiated by driving the CS# pin low and shifting the instruction code
“C7h” or “60h”. The Chip Erase instruction sequence is shown in Figure 7.10.
The CS# pin must be driven high after the eighth bit has been latched. If this is not done the Chip Erase
instruction will not be executed. After CS# is driven high, the self-timed Chip Erase instruction will commence
for a time duration of tCE (See AC Characteristics). While the Chip Erase cycle is in progress, the Read Status
Register instruction may still be accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the
Chip Erase cycle and becomes a 0 when finished and the device is ready to accept other instructions again.
After the Chip Erase cycle has finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0.
The Chip Erase instruction will not be executed if any page is protected by the Block Protect (SEC, TB, BP2,
BP1, and BP0) bits (see Status Register Memory Protection table).
Figure 7.10 Chip Erase Instruction(SPI or QPI Mode)
7.2.6 Erase / Program Suspend (75h)
The Erase / Program Suspend command allows the system to interrupt a Sector or Block Erase operation,
then read from or program data to any other sector. The Erase / Program Suspend command also allows the
system to interrupt a Page Program operation and then read from any other page or erase any other sector or
block. The Erase / Program Suspend command sequence is shown in Figure 7.11.
The Write Status Registers command (01h, 31h, 11h), and Erase commands (20h, 52h, D8h, C7h, 60h,
44h) are not allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase
operation. If written during the Chip Erase operation, the Erase Suspend command is ignored. The Write
Status Registers command (01h, 31h), and Program commands (02h, 32h, 42h) are not allowed during
Program Suspend. Program Suspend is valid during the Page Program or Quad Page Program operation.
The Erase / Program Suspend command 75h will be accepted by the device only if the SUS bit in the
Status Register equals to 0 and the BUSY bit equals to 1 while a Sector or Block Erase or a Page Program
operation is on-going. If the SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend command will be
ignored by the device. Program or Erase command for the sector that is being suspended will be ignored.
A maximum of time of tSUS (Section 8.5, AC Electrical Characteristics) is required to suspend the erase or
program operation. The BUSY bit in the Status Register will be cleared from 1 to 0 within tSUS and the SUS bit
in the Status Register will be set from 0 to 1 immediately after Erase/Program Suspend. For a previously
resumed Erase/Program operation, it is also required that the Suspend command 75h is not issued earlier
than a minimum of time of tSUS following the preceding Resume command 7Ah.
Unexpected power off during the Erase / Program suspend state will reset the device and release the
suspend state. SUS bit in the Status Register will also reset to 0. The data within the page, sector or block that
was being suspended may become corrupted. It is recommended for the user to implement system design
techniques to prevent accidental power interruption, provide non-volatile tracking of in process program or
erase commands, and preserve data integrity by evaluating the non-volatile program or erase tracking
information during each system power up in order to identify and repair (re-erase and re-program) any
improperly terminated program or erase operations.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com