Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY27SF081G2M-VIP Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY27SF081G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF081G2M-VIP Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY27SF081G2M-VIP Datasheet HTML 1Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 2Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 3Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 4Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 5Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 6Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 7Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 8Page - Hynix Semiconductor HY27SF081G2M-VIP Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Rev 0.7 / Apr. 2005
1
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Document Title
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
Revision History
Revision
No.
History
Draft Date
Remark
0.0
1) Initial Draft.
Aug. 2004
Preliminary
0.1
1) Correct Fig.10 Sequential out cycle after read
2) Add the text to Fig.1, Table.1, Table.2
- text : IO15 - IO8 (x16 only)
3) Delete ‘3.2 Page program NOTE 1.
- Note : if possible it is better to remove this constrain
4) Change the text ( page 10,13, 45)
- 2.2 Address Input : 28 Addresses -> 27 Addresses
- 3.7 Reset : Fig.29 -> Fig.30
- 5.1 Automatic page read after power up : Fig.30 -> Fig.29
5) Add 5.3 Addressing for program operation & Fig.34
Sep. 2004
Preliminary
0.2
1) Change TSOP, WSOP, FBGA package dimension & figures.
- Change TSOP, WSOP, FBGA package mechanical data
- Change FBGA thickness (1.2 -> 1.0 mm)
2) Correct TSOP, WSOP Pin configurations.
- 38th NC pin has been changed Lockpre(figure 3,4)
3) Edit figure 15,19 & table 4
4) Add Bad Block Management
5) Change Device Identifier 3rd Byte
- 3rd Byte ID is changed. (reserved -> don't care)
- 3rd Byte ID table is deleted.
Oct. 2004
Preliminary
0.3
1) Add Errata
2) LOCKPRE is changed to PRE.
- Texts, Table, Figures are changed.
3) Add Note.4 (table.14)
4) Block Lock Mechanism is deleted.
- Texts, Table, figures are deleted.
5) Add Application Note(Power-On/Off Sequence & Auto Sleep mode.)
- Texts & Figures are added.
6) Edit the figures. (#10~25)
Nov.29 2004
Preliminary
0.4
1) Change AC characteristics(tREH)
before: 20ns -> after: 30ns
2) Edit Note.1 (page. 21)
3) Edit the Application note 1,2
4) Edit The Address cycle map (x8, x16)
Jan.19 2005
Preliminary
tCLS tCLH
tWP
tALS tALH
tDS
tWC
tR
Specification
0
10
25
0
10
20
50
25
Relaxed value
5
15
40
5
15
25
60
27


Similar Part No. - HY27SF081G2M-VIP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
More results

Similar Description - HY27SF081G2M-VIP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UA081G1M HYNIX-HY27UA081G1M Datasheet
729Kb / 43P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
NAND Flash Memory Controller
logo
Hynix Semiconductor
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
SPI-NAND Flash Memory
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
1G-bit NAND Flash Memory
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
512M-bit NAND Flash Memory
logo
Winbond
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
1G-BIT 3.3V NAND FLASH MEMORY
Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com