Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY27SF161G2M-VIP Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HY27SF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27SF161G2M-VIP Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HY27SF161G2M-VIP Datasheet HTML 12Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 13Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 14Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 15Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 16Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 17Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 18Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 19Page - Hynix Semiconductor HY27SF161G2M-VIP Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Rev 0.7 / Apr. 2005
16
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
4. OTHER FEATURES
4.1 Data Protection.
The device is designed to offer protection from any involuntary program/erase during power-transitions. An internal
voltage detector disables all functions whenever Vcc is below about 1.1V(1.8V device), 2V(3.3V device). WP# pin pro-
vides hardware protection and is recommended to be kept at VIL during power-up and power-down. A recovery time
of minimum 10us is required before internal circuit gets ready for any command sequences as shown in Figure 26. The
two-step command sequence for program/erase provides additional software protection.
4.2 Ready/Busy.
The device has a Ready/Busy output that provides method of indicating the completion of a page program, erase,
copy-back, cache program and random read completion. The RB# pin is normally high and goes to low when the
device is busy (after a reset, read, program, erase operation). It returns to high when the internal controller has fin-
ished the operation. The pin is an open-drain driver thereby allowing two or more RB# outputs to be Or-tied. Because
pull-up resistor value is related to tr(RB#) and current drain during busy (Ibusy), an appropriate value can be obtained
with the following reference chart (Fig.27). Its value can be determined by the following guidance.
4.3 Power-On Auto-Read
The device is designed to offer automatic reading of the first page without command and address input sequence dur-
ing power-on.
An internal voltage detector enables auto-page read functions when Vcc reaches about 1.8V. PRE pin controls activa-
tion of auto- page read function. Auto-page read function is enabled only when PRE pin is logic high state. Serial
access may be done after power-on without latency. Power-On Auto Read mode is available only on 3.3V device
(HY27UF(08/16)1G2M).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com