Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVMH28FES Datasheet(PDF) 8 Page - VPT, Inc.

Part # DVMH28FES
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVMH28FES Datasheet(HTML) 8 Page - VPT, Inc.

Back Button DVMH28FES Datasheet HTML 4Page - VPT, Inc. DVMH28FES Datasheet HTML 5Page - VPT, Inc. DVMH28FES Datasheet HTML 6Page - VPT, Inc. DVMH28FES Datasheet HTML 7Page - VPT, Inc. DVMH28FES Datasheet HTML 8Page - VPT, Inc. DVMH28FES Datasheet HTML 9Page - VPT, Inc. DVMH28FES Datasheet HTML 10Page - VPT, Inc. DVMH28FES Datasheet HTML 11Page - VPT, Inc. DVMH28FES Datasheet HTML 12Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DVMH28 Series
DVMH28-3.0
8
PACKAGE SPECIFICATIONS (FLANGED)
Pin
Function
Pin
Function
Pin
Function
1
28V IN
3
CASE
5
IN COM
2
28V OUT
4
OUT COM
Figure 12 – Flanged Package and Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com