Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFP12N65X2A Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFP12N65X2A
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP12N65X2A Datasheet(HTML) 5 Page - IXYS Corporation

  IXFP12N65X2A Datasheet HTML 1Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 2Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 3Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 4Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 5Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 6Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
IXYS REF: F_12N65X2A (X3-S602) 5-31-18
IXFP12N65X2A
Fig. 15. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 14. Forward-Bias Safe Operating Area
0.01
0.1
1
10
100
10
100
1,000
VDS - Volts
25μs
100μs
RDS(on) Limit
1ms
10ms
DC
TJ = 150
oC
TC = 25
oC
Single Pulse
Fig. 13. Output Capacitance Stored Energy
0
1
2
3
4
5
6
7
8
9
0
100
200
300
400
500
600
VDS - Volts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com