Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFP14N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP14N60P
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP14N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP14N60P Datasheet HTML 1Page - IXYS Corporation IXFP14N60P Datasheet HTML 2Page - IXYS Corporation IXFP14N60P Datasheet HTML 3Page - IXYS Corporation IXFP14N60P Datasheet HTML 4Page - IXYS Corporation IXFP14N60P Datasheet HTML 5Page - IXYS Corporation IXFP14N60P Datasheet HTML 6Page - IXYS Corporation IXFP14N60P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
DS99389G(6/18)
N-Channel Enhancement Mode
Avalanche Rated
IXFA14N60P
IXFP14N60P
IXFH14N60P
V
DSS
= 600V
I
D25
= 14A
R
DS(on)
 550m
Features
International Standard Packages
Low R
DS(ON) and QG
Avalanche Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 2.5mA
3.0
5.5
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 125C
500
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
550 m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
600
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
600
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C14
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
42
A
I
A
T
C = 25C14
A
E
AS
T
C = 25C
900
mJ
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150°C
10
V/ns
P
D
T
C = 25C
300
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
G
S
D (Tab)
D
G
S
D (Tab)
TO-220 (IXFP)
TO-263 (IXFA)
D (Tab)
S
G
D
Polar TM HiPerFETTM
Power MOSFET


Similar Part No. - IXFP14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFP14N60P IXYS-IXFP14N60P Datasheet
158Kb / 5P
PolarHV HiperFET Power MOSFET
IXFP14N60P3 IXYS-IXFP14N60P3 Datasheet
282Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results

Similar Description - IXFP14N60P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com