Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL-7550-3-R56M Datasheet(PDF) 1 Page - RENCO ELECTRONICS, INC.

Part # RL-7550-3-R56M
Description  HIGH CURRENT SMD POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-7550-3-R56M Datasheet(HTML) 1 Page - RENCO ELECTRONICS, INC.

  RL-7550-3-R56M Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-7550-3-R56M Datasheet HTML 2Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-7550-3
HIGH CURRENT
• Surface mount inductor with high current rating
• Extremely low DCR to minimize power loss
• Ideal for use in a variety of high performance DC-DC
converter inductor applications
FEATURES & APPLICATIONS
DESCRIPTION
• High Current SMD Power Inductor
ENVIRONMENTAL DATA
• Storage temperature range:
-55°C to +130°C
• Operating temperature range:
-40°C to +130°C
PACKAGING INFORMATION
• Packaging information: pg. 490
SMD POWER INDUCTORS
Verify operation with sample in actual circuit. Order samples at www.rencousa.com.
TOP VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
PART NUMBER
A (MAX.)
B (MAX.)
C
D (MAX.)
E (MAX.)
F (REF.)
RL-7550-3
0.350 (8.89)
0.240 (6.10)
0.230 (5.84)
0.147 (3.73)
0.196 (5.00)
0.080 (1.91)
MECHANICAL DIMENSIONS
U.S. Standard (mm)
PART NUMBER PART WEIGHT
RL-7550-3
0.3g (0.01oz)
G (REF.)
H (REF.)
0.200 (5.08)
0.160 (4.06)
A
B
C
D
E
F
G
H
ST
FN
SCHEMATIC


Similar Part No. - RL-7550-3-R56M

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-7550-1 RENCO-RL-7550-1 Datasheet
1Mb / 2P
LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1-100M RENCO-RL-7550-1-100M Datasheet
1Mb / 2P
LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1-1R0M RENCO-RL-7550-1-1R0M Datasheet
1Mb / 2P
LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1-1R5M RENCO-RL-7550-1-1R5M Datasheet
1Mb / 2P
LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1-2R2M RENCO-RL-7550-1-2R2M Datasheet
1Mb / 2P
LOW DCR/ LOW PROFILE SMD INDUCTORS
More results

Similar Description - RL-7550-3-R56M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM2110-1R0M-RC BOURNS-PM2110-1R0M-RC Datasheet
172Kb / 2P
High Current SMD Power Inductors
PM2120-1R0M-RC BOURNS-PM2120-1R0M-RC Datasheet
187Kb / 2P
High Current SMD Power Inductors
logo
Frontier Electronics.
MCS0630 FRONTIER-MCS0630 Datasheet
242Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
logo
Abracon Corporation
ASPI-0403H ABRACON-ASPI-0403H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
ASPI-0503H ABRACON-ASPI-0503H Datasheet
3Mb / 3P
High Current Unshielded, SMD Power Inductors
11.09.15
logo
RENCO ELECTRONICS, INC.
RL-5040-H RENCO-RL-5040-H Datasheet
1Mb / 2P
SMD HIGH CURRENT POWER INDUCTORS
RL-7500-0 RENCO-RL-7500-0 Datasheet
1Mb / 3P
SHIELDED HIGH CURRENT SMD POWER INDUCTORS
logo
Central Technologies
CTTSMD2110F CT-CTTSMD2110F Datasheet
222Kb / 2P
High Current SMD Power Inductors
REV 05.25.17
CTTSMD2120F CT-CTTSMD2120F Datasheet
210Kb / 2P
High Current SMD Power Inductors
REV 05.31.17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com