Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C5912016 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI6C5912016
Description  16 Output LVPECL Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C5912016 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI6C5912016 Datasheet HTML 6Page - Diodes Incorporated PI6C5912016 Datasheet HTML 7Page - Diodes Incorporated PI6C5912016 Datasheet HTML 8Page - Diodes Incorporated PI6C5912016 Datasheet HTML 9Page - Diodes Incorporated PI6C5912016 Datasheet HTML 10Page - Diodes Incorporated PI6C5912016 Datasheet HTML 11Page - Diodes Incorporated PI6C5912016 Datasheet HTML 12Page - Diodes Incorporated PI6C5912016 Datasheet HTML 13Page - Diodes Incorporated PI6C5912016 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
www.diodes.com
April 2018
Diodes Incorporated
PI6C5912016
Document Number DS40079 Rev 1-2
PI6C5912016
A product Line of
Diodes Incorporated
Ordering Code
Package Code Package Type
Operating Temperature
PI6C5912016ZDIEX
ZD
48-Contact, Very Thin Quad Flat No-Lead (TQFN)
-40°C to 85°C
Packaging Mechanical: 48-TQFN (ZD)
Ordering Information
16-0151
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, “Green” and Lead-free.
Thermal characteristics can be found on the company web site at www.diodes.com/design/support/packaging/
3. E = Pb-free and Green
4. X suffix = Tape/Reel
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com