Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL-7800-3-R12X Datasheet(PDF) 3 Page - RENCO ELECTRONICS, INC.

Part # RL-7800-3-R12X
Description  MULTI-LAYER CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-7800-3-R12X Datasheet(HTML) 3 Page - RENCO ELECTRONICS, INC.

  RL-7800-3-R12X Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-7800-3-R12X Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-7800-3-R12X Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-7800-3-R12X Datasheet HTML 4Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-7800-2
Renco Part No.
RL-7800-2
EIA
Size
L
(nH)
DCR
Max.
(Ohms)
SRF
(MHz)
Min
SRF
(MHz)
Typ
Q
Min.
100 300 500 800 1000
Testing
Freq.
(MHz)
Irms
(mA)
Max.
RL-7800-2-1N0S
0603
1.0±0.3nH
0.05
10000
>13000
8
14
30
40
70
90
100
300
RL-7800-2-1N2S
0603
1.2±0.3nH
0.05
10000
>13000
8
14
30
40
70
90
100
300
RL-7800-2-1N5S
0603
1.5±0.3nH
0.10
6000
>13000
8
14
26
34
47
50
100
300
RL-7800-2-1N8S
0603
1.8±0.3nH
0.10
6000
>13000
8
10
18
24
30
34
100
300
RL-7800-2-2N2S
0603
2.2±0.3nH
0.10
6000
12000
8
12
22
29
37
40
100
300
RL-7800-2-2N7S
0603
2.7±0.3nH
0.10
6000
11000
10
13
24
32
41
45
100
300
RL-7800-2-3N3X
0603 3.3±10%or±0.3nH
0.12
6000
9000
10
14
25
33
42
47
100
300
RL-7800-2-3N9X
0603 3.9±10%or±0.3nH
0.14
6000
8000
10
13
25
33
42
46
100
300
RL-7800-2-4N7X
0603 4.7±10%or±0.3nH
0.16
4000
6500
10
13
25
33
42
47
100
300
RL-7800-2-5N6X
0603 5.6±10%or±0.3nH
0.18
4000
5800
10
14
25
33
42
46
100
300
RL-7800-2-6N8X
0603 6.8±10% or ±5%
0.22
4000
5600
10
14
25
33
43
47
100
300
RL-7800-2-8N2X
0603 8.2±10% or ±5%
0.24
3500
5200
10
14
26
34
44
48
100
300
RL-7800-2-10NX
0603 10±10% or ±5%
0.26
3400
4600
12
14
26
34
43
47
100
300
RL-7800-2-12NX
0603 12±10% or ±5%
0.28
2600
4000
12
14
27
35
45
49
100
300
RL-7800-2-15NX
0603 15±10% or ±5%
0.32
2300
3400
12
15
28
37
46
51
100
300
RL-7800-2-18NX
0603 18±10% or ±5%
0.35
2000
3000
12
15
27
36
44
48
100
300
RL-7800-2-22NX
0603 22±10% or ±5%
0.40
1600
2900
12
16
28
36
44
47
100
300
RL-7800-2-27NX
0603 27±10% or ±5%
0.45
1400
2200
12
16
29
37
45
46
100
300
RL-7800-2-33NX
0603 33±10% or ±5%
0.55
1200
1800
12
17
31
40
46
47
100
300
RL-7800-2-39NX
0603 39±10% or ±5%
0.60
1100
1600
12
18
31
39
44
44
100
300
RL-7800-2-47NX
0603 47±10% or ±5%
0.70
900
1600
12
17
28
34
35
34
100
300
RL-7800-2-56NX
0603 56±10% or ±5%
0.75
900
1400
12
17
28
34
34
31
100
300
RL-7800-2-68NX
0603 68±10% or ±5%
0.85
700
1200
12
18
29
34
30
22
100
300
RL-7800-2-82NX
0603 82±10% or ±5%
0.95
600
1100
12
18
28
33
27
-
100
300
RL-7800-2-R10X
0603 100±10% or ±5%
1.00
600
1000
12
18
27
28
16
-
100
300
Q TYPICAL (MHz)
DC BIAS, FREQ Vs IMPEDANCE & Q CHARACTERISTICS
100
10
1
10
100
1000
FREQUENCY (MHz)
12N
60
45
30
15
0
10
100
1000
FREQUENCY (MHz)
27N
27N
4N7
4N7
12N
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. TEST EQUIPMENT: RF IMPEDANCE ANALYZER HP4291A + HP4195A
X = MULTI-TOLERANCE CODE
(1) SERIES NAME
(2) DIMENSIONS
(3) INDUCTANCE CODE
(4) TOLERANCE CODE
S = ±0.3 nH
J = ±5%
K = ±10%
RL-7800 -2 4N7 K
(1)
(2) (3) (4)
PART NUMBER IDENTIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com