Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBU8G Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # KBU8G
Description  Single Phase Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBU8G Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBU8G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBU8G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBU8G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 8 A
Features
• Ideal for printed circuit boards
• High forward surge current capability
KBU Package
• Not ESD Sensitive
Mechanical Data
Weight: 0.268 ounces, 7.6 grams
Parameter
Symbol
KBU8A
KBU8B
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBU8A
KBU8B
Unit
8
8
A
6
6
Peak forward surge current
IFSM
300
300
A
Maximum instantaneous
forward voltage drop per leg
1.0
1.0
10
10
500
500
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Tc = 100 °C
8
8
tp = 8.3 ms, half sine
300
300
-55 to 150
KBU8G
10
10
KBU8D
Single Phase Silicon
Bridge Rectifier
-55 to 150
-55 to 150
Conditions
400
280
400
200
• Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
• High temperature soldering guaranteed: 250⁰C/ 10 seconds, 0.375
(9.5mm) lead length, 5 lbs. (2.3 kg) tension
• Types from 50 V up to 400 V V
RRM
KBU8A thru KBU8G
Ta = 25 °C
IF = 8.0 A
Conditions
KBU8G
200
140
KBU8D
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting position: Any
Maximum DC reverse current at
rated DC blocking voltage
IR
Ta = 100 °C
1.0
μA
Case: Molded plastic body
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
1.0
500
500
Mounting torque: 5 inch-lbs max
VF
Maximum average forward
rectified current
IO
Ta = 45 °C
6
6
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbu8b.pdf


Similar Part No. - KBU8G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8G PANJIT-KBU8G Datasheet
55Kb / 2P
SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Semtech Corporation
KBU8G SEMTECH-KBU8G Datasheet
159Kb / 2P
4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Fairchild Semiconductor
KBU8G FAIRCHILD-KBU8G Datasheet
30Kb / 3P
8.0 Ampere Silicon Bridge Rectifiers
logo
Dc Components
KBU8G DCCOM-KBU8G Datasheet
392Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU8G GE-KBU8G Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBU8G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com