Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CD4075B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4075B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4075B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4075B Datasheet HTML 1Page - Silicon Supplies CD4075B Datasheet HTML 2Page - Silicon Supplies CD4075B Datasheet HTML 3Page - Silicon Supplies CD4075B Datasheet HTML 4Page - Silicon Supplies CD4075B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4075B
Rev 1.0
15/03/18
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
C
0.1160
0.3325
2
B
0.2205
0.1160
3
F
0.4885
0.1160
4
E
0.7615
0.1160
5
D
1.0295
0.1160
6
K
1.1340
0.3575
7
VSS
1.1340
0.6005
8
A
1.1340
0.8050
9
J
1.0545
0.9840
10
L
0.7765
0.9840
11
I
0.4735
0.9840
12
H
0.2000
0.9840
13
G
0.1160
0.8040
14
VDD
0.1160
0.5995
CONNECT CHIP BACK TO VDD OR FLOAT
 
Pad Layout and Functions
Logic Diagram
Truth Table
INPUTS
OUTPUT
A, D, G
B, E, H
C, F, I
J, K, L
L
X
X
H
X
L
X
H
X
X
L
H
L
H
H
H
H = High level (steady state)
L = Low level (steady state)
X = Either Low or High level
 
0,0
1350µm (53.14 mils)
12
11
10
9
8
7
6
5
4
3
2
1
14
13
J = A+B+C
K = D+E+F
L = G+H+I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com