Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX55C2V4 Datasheet(PDF) 2 Page - Silicon Supplies

Part # BZX55C2V4
Description  Silicon Planar Zener diode in bare die form ??5% tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55C2V4 Datasheet(HTML) 2 Page - Silicon Supplies

  BZX55C2V4 Datasheet HTML 1Page - Silicon Supplies BZX55C2V4 Datasheet HTML 2Page - Silicon Supplies BZX55C2V4 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
 
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
 
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
2
PTOT
500
mW
Junction Temperature
TJ
200
°C
 
Storage Temperature Range
TS
-65 to +200
°C
Forward Voltage @ IF = 100mA
VF
1.3
V
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
Electrical Characteristics T
A = 25°C unless otherwise stated
IR @ VR
ZZ @ IZT1
ZZK @ IZT2
VZ @ IZT1
IZT1
IZT2
TA = 25°C
TA = 125°C
f = 1 kHz
V
Ω
DEVICE
mA
µA Max.
V
Min.
 
Nom.
 
Max.
 
Max.
Max.
BZX55C2V4
2.28
2.4
2.56
5
1
50.0
100
1.0
85
600
BZX55C2V7
2.5
2.7
2.9
5
1
10.0
50
1.0
85
600
BZX55C3V0
2.8
3.0
3.2
5
1
4.0
40
1.0
85
600
BZX55C3V3
3.1
3.3
3.5
5
1
2.0
40
1.0
85
600
BZX55C3V6
3.4
3.6
3.8
5
1
2.0
40
1.0
85
600
BZX55C3V9
3.7
3.9
4.1
5
1
2.0
40
1.0
85
600
BZX55C4V3
4.0
4.3
4.6
5
1
1.0
20
1.0
75
600
BZX55C4V7
4.4
4.7
5.0
5
1
0.5
10
1.0
60
600
BZX55C5V1
4.8
5.1
5.4
5
1
0.1
2.0
1.0
35
550
BZX55C5V6
5.2
5.6
6.0
5
1
0.1
2.0
1.0
25
450
BZX55C6V2
5.8
6.2
6.6
5
1
0.1
2.0
2.0
10
200
BZX55C6V8
6.4
6.8
7.2
5
1
0.1
2.0
3.0
8.0
150
BZX55C7V5
7.0
7.5
7.9
5
1
0.1
2.0
5.0
7.0
50
BZX55C8V2
7.7
8.2
8.7
5
1
0.1
2.0
6.2
7.0
50
BZX55C9V1
8.5
9.1
9.6
5
1
0.1
2.0
6.8
10
50
 
0.5W, 5mA IZT , Bare Die Zener Diode  
Rev 1.0
07/07/17
 
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Assembled in DO-35 package. Performance in die form subject to assembly heat sinking and die attach methods.
Zener Voltages 10V to 75V are constructed using a larger die geometry.
Please see here for further details
 
Page 2 of 3 
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com