Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C9827HT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 6Page - Cypress Semiconductor C9827HT Datasheet HTML 7Page - Cypress Semiconductor C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor C9827HT Datasheet HTML 10Page - Cypress Semiconductor C9827HT Datasheet HTML 11Page - Cypress Semiconductor C9827HT Datasheet HTML 12Page - Cypress Semiconductor C9827HT Datasheet HTML 13Page - Cypress Semiconductor C9827HT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 10 of 25
Approved Product
Maximum Lumped Capacitive Output
Loads
Clock
Max Load
Units
PCI Clocks
30
pF
3V66 (0,1)
30
pF
66B(0:2)
30
pF
48MUSB Clock
20
pF
48MDOT
10
pF
REF Clock
30
pF
Table 5
Maximum Ratings¹
Input Voltage Relative to VSS:
VSS-0.3V
Input Voltage Relative to VDDQ or AVDD: VDD+0.3V
Storage Temperature:
-65
°C to + 150°C
Operating Temperature:
0
°C to +85°C
Maximum Power Supply:
3.5V
Note 1: The voltage on any input or I/o pin cannot exceed the
power pin during power-up. Power supply sequencing is NOT
required.
Test and Measurement Setup
For Differential CPU Output Signals
The following diagram shows lumped test load configurations for the differential Host Clock Outputs.
CLK Measurement Point
R
ref
R
tA1
CLK
CLK#
Mult0
CLK Measurement Point
R
LA1
R
D
R
LB1
R
LA2
R
LB2
R
tA2
R
tB1
R
tB2
C
LA
C
LB
T
PCB
T
PCB
Lumped Test Load Configuration
Component
0.7 Volt Amplitude Value
1.0 Volt Amplitude Value
RtA1, RtA2
33
Ω
0
Ω
RLA1, RLA2
49.9
Ω∞
TPCB
3” 50
ΩZ
3” 50
ΩZ
RLB1, RLB2
∞
63
Ω
RD
∞
470
Ω
RtB1, RtB2
0
Ω
33
Ω
CLA, CLB
2pF
2 pF
Rref
475
Ω w/mult0=1
221
Ω w/mult0=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com