Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3M0198 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE3M0198
Description  Temperature Conditioned SMA Male Right Angle to TNC Male Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0198 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3M0198 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0198 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0198 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0198 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0198 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0198 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0198 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
Tests and Inspections
Description
Sampling
Connector Gaging (pin and insulator position)
100%
Insertion Loss
100%
VSWR
100%
Dielectric Withstanding Voltage (DWV)
100%
Visual - workmanship, configuration and marking
100%
Length
C=0, 1.5AQL
Mass
C=0, 1.5AQL
.
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
Typical Performance Data
-1000
-700
-400
-100
200
500
800
1100
1400
1700
2000
-55
-35
-15
5
25
45
65
85
105
125
PPM
° C
Typical Phase Change vs Temperature PE-P160LL Cable
PE3M0198 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned SMA Male Right Angle to TNC Male Low Loss Cable Using PE-
P160LL Coax PE3M0198
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned SMA Male Right Angle to
TNC Male Low Loss Cable Using PE-P160LL Coax
PE3M0198



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com