Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM186EM-40KC/W Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM186EM-40KC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM-40KC/W Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM186EM-40KC/W Datasheet HTML 4Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 5Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 6Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 7Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 8Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 9Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 10Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 11Page - Advanced Micro Devices AM186EM-40KC/W Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
8
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
RELATED AMD PRODUCTS
E86™ Family Devices
Device
Description
80C186
16-bit microcontroller
80C188
16-bit microcontroller with 8-bit external data bus
80L186
Low-voltage, 16-bit microcontroller
80L188
Low-voltage, 16-bit microcontroller with 8-bit external data bus
Am186EM
High-performance, 80C186-compatible, 16-bit embedded microcontroller
Am188EM
High-performance, 80C188-compatible, 16-bit embedded microcontroller with 8-bit external data bus
Am186EMLV High-performance, 80C186-compatible, low-voltage, 16-bit embedded microcontroller
Am188EMLV High-performance, 80C188-compatible, low-voltage, 16-bit embedded microcontroller with 8-bit
external data bus
Am186ES
High-performance, 80C186-compatible, 16-bit embedded microcontroller
Am188ES
High-performance, 80C188-compatible, 16-bit embedded microcontroller with 8-bit external data bus
Am186ESLV High-performance, 80C186-compatible, low-voltage, 16-bit embedded microcontroller
Am188ESLV High-performance, 80C188-compatible, low-voltage, 16-bit embedded microcontroller with 8-bit
external data bus
Am186ER
High-performance, 80C186-compatible, low-voltage, 16-bit embedded microcontroller with 32 Kbyte
of internal RAM
Am188ER
High-performance, 80C188-compatible, low-voltage, 16-bit embedded microcontroller with 8-bit ex-
ternal data bus and 32 Kbyte of internal RAM
Élan™SC300 High-performance, highly integrated, low-voltage, 32-bit embedded microcontroller
ÉlanSC310
High-performance, single-chip, 32-bit embedded PC/AT microcontroller
ÉlanSC400
Single-chip, low-power, PC/AT-compatible microcontroller
Am386®DX
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
Am386SX
High-performance, 32-bit embedded microprocessor with 16-bit external data bus
Am486®DX
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
AT Peripheral
Microcontrollers
186 Peripheral
Microcontrollers
ÉlanSC400
Microcontroller
80C186 and 80C188
Microcontrollers
Microprocessors
ÉlanSC300
Microcontroller
Am386SX/DX
Microprocessors
Am486DX
Microprocessor
AMD-K5™
Microprocessor
Time
The E86 Family of Embedded Microprocessors and Microcontrollers
Am186ES and
Am188ES
Microcontrollers
Am186EM and
Am188EM
Microcontrollers
Am186 and
Am188 Future
ÉlanSC310
Microcontroller
80L186 and 80L188
Microcontrollers
Am186EMLV &
Am188EMLV
Microcontrollers
Am186ESLV &
Am188ESLV
Microcontrollers
32-bit Future
Am186ER and
Am188ER
Microcontrollers
Future
K86™
Am486
Future



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com