Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19-226-R6BHC-B01-2T Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 19-226-R6BHC-B01-2T
Description  Chip LED with Bi-Color (Multi-Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

19-226-R6BHC-B01-2T Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  19-226-R6BHC-B01-2T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 19-226-R6BHC-B01-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-226/R6BHC-B01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 4 of 11
Device No:DSE-926-015
Prepared date: 17-Jan-2006
Prepared by: Jessica Chang
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
R6
BH
72
45
100
80
-----
mcd
Viewing Angle
2θ1/2
-----
120
-----
deg
Peak Wavelength
λp
R6
BH
-----
632
468
-----
nm
Dominant Wavelength
λd R6
BH
-----
624
470
-----
nm
Spectrum Radiation
Bandwidth
△λ R6
BH
-----
20
35
-----
nm
Forward Voltage
VF
R6
BH
1.7
2.7
2.0
3.3
2.4
3.7
V
IF=20mA
Reverse Current
IR
R6
BH
-----
-----
10
50
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com