Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23-21B/T1D-CP2Q2TY/2A Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 23-21B/T1D-CP2Q2TY/2A
Description  Reverse Package Chip LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

23-21B/T1D-CP2Q2TY/2A Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  23-21B/T1D-CP2Q2TY/2A Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 23-21B/T1D-CP2Q2TY/2A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 12
Device No.:
Prepared date:3-Jul-2011
Prepared by: Sam Feng
23-21B/T1D-CP2Q2TY/2A
Absolute Maximum Ratings (Ta=25℃
℃
℃
℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
95
mW
Electrostatic Discharge(HBM)
ESD
150
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃
℃
℃
℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
57.0
-----
112
mcd
IF=5mA
Viewing Angle
2θ1/2
-----
140
-----
deg
Forward Voltage
VF
2.60
-----
3.00
V
Reverse Current
IR
-----
-----
50
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity
±±±±11%
2.Tolerance of Forward Voltage
±±±±0.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com