Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM7680 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7680
Description  Backflush protection circuit with built-in inductive load current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7680 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7680 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7680 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HM7680
概述
HM7680 是一款高压继电器驱动芯片,内置了 H-桥结构的功率驱动电路,其输出可直接与继电器连接,
在输入逻辑信号电平的控制下,可实现磁保持继电器触点的闭合和断开。应用电路无需其他外围元器件的需
求,具有小体积,低功耗和可靠性高的特点。
HM7680 提供 SOP-8 和 SOT23-6 两种封装形式。
特点
5 – 40V 的工作电压
最大工作电流 450mA
兼容各类单片机逻辑电平信号
内置输入信号防噪声处理电路
内置电感性负载电流的反冲保护电路
功能框图
图 1 HM7680 功能框图
订货信息
型号
封装形式
包装方式
最小包装数量
HM7680
SOP-8
编带卷盘
2500
HM7680
SOT23-6
编带卷盘
3000


Similar Part No. - HM7680

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM76 BITECH-HM76 Datasheet
326Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76 TTELEC-HM76 Datasheet
970Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
Bi technologies
HM76-10100JLF BITECH-HM76-10100JLF Datasheet
326Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
HM76-10100JLF BITECH-HM76-10100JLF Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76-10100JLF TTELEC-HM76-10100JLF Datasheet
970Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
More results

Similar Description - HM7680

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8821 SILAN-SC8821 Datasheet
690Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT WITH BUILT-IN MOSFET
logo
List of Unclassifed Man...
ZUS251212 ETC2-ZUS251212 Datasheet
133Kb / 3P
Built-in Over Current Protection
R100U-5-N ETC2-R100U-5-N Datasheet
170Kb / 3P
Built-in Inrush Current Protection
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
Built-in Over Current Protection Circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
Built-in thermal protection
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
Built-in short circuit protection
VLA555-02R ISAHAYA-VLA555-02R Datasheet
1Mb / 13P
Built in short circuit protection with soft shut down
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
Built-in Fold Back Protection Circuit
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
Built-in overcurrent protection circuit
S-1702 SII-S-1702 Datasheet
2Mb / 45P
Built-in overcurrent protection circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com