Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADPD2140Z Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADPD2140Z
Description  Infrared Light Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADPD2140Z Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADPD2140Z Datasheet HTML 2Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 3Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 4Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 5Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 6Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 7Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 8Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 9Page - Analog Devices EVAL-ADPD2140Z Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADPD2140W
Data Sheet
Rev. 0 | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
All performance characteristics listed for the sum of all four photodiode channels, unless otherwise noted.
–60
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–40
–20
0
INCIDENT LIGHT ANGLE (Degrees)
20
40
60
Figure 4. Angular Response vs. Incident Light Angle, Off Axis Angle Held at 0°
17
16
15
14
13
12
11
10
0
2
4
REVERSE BIAS VOLTAGE (V)
6
7
5
3
1
8
Figure 5. Capacitance per Channel vs. Reverse Bias Voltage
100p
1n
10n
10p
1p
0.1p
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
VR = 5V
VR = 2V
VR = 1V
Figure 6. Reverse Dark Current vs. Ambient Temperature over
Reverse Voltage (VR)
0
300
400
500
600
700
WAVELENGTH (nm)
800
900
1000
1100
0.05
0.10
0.15
0.25
0.35
0.45
0.20
0.30
0.40
Figure 7. Responsivity vs. Wavelength (Angle = 0°)
–80°
–90°
–70°
–60°
–50°
–40°
30°
20°
10°
0°
0.2
0
0.2
0.4
0.4
0.6
0.6
0.8
1.0
HORIZONTAL
VERTICAL
Figure 8. Relative Radiant Sensitivity vs. Angular Displacement
1000
100
10
1
0.1
0
1
2
REVERSE BIAS VOLTAGE (V)
3
4
5
TA = 50°C
TA = 25°C
TA = 10°C
Figure 9. Reverse Dark Current vs. Reverse Bias Voltage over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com