Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC817X2NIP1B Datasheet(PDF) 13 Page - Sharp Corporation

Part # PC817X2NIP1B
Description  DIP 4pin Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817X2NIP1B Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PC817X2NIP1B Datasheet HTML 6Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 7Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 8Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 9Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 10Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 11Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 12Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 13Page - Sharp Corporation PC817X2NIP1B Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Sheet No.: OP18002EN
● Tape and Reel package
SMT Gullwing
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
Dimensions List
A
B
C
D
E
F
G
16.00.3
7.50.1
1.750.10
8.00.1
2.00.1
4.00.1
1.50.1
0.0
H
I
J
K
10.30.1
0.400.05
4.00.1
5.30.1
Dimensions List
(Unit : mm)
a
b
c
d
330
17.51.5
1001
13.00.5
e
f
g
21.01
2.00.5
2.00.5
[Packing : 2,000pcs/reel]
PC817XxNSZ1B Series
(Unit : mm)
Direction of product insertion
Reel structure and Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com