Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTH58N25L2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH58N25L2
Description  N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH58N25L2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH58N25L2 Datasheet HTML 1Page - IXYS Corporation IXTH58N25L2 Datasheet HTML 2Page - IXYS Corporation IXTH58N25L2 Datasheet HTML 3Page - IXYS Corporation IXTH58N25L2 Datasheet HTML 4Page - IXYS Corporation IXTH58N25L2 Datasheet HTML 5Page - IXYS Corporation IXTH58N25L2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
N-Channel Enhancement Mode
LinearL2TM
Power MOSFET
w/ Extended FBSOA
IXTH58N25L2
DS100890A (2/18)
V
DSS
= 250V
I
D25
= 58A
R
DS(on)
 64m
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
250
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
250
V
V
GSS
Continuous
 20
V
V
GSM
Transient
 30
V
I
D25
T
C = 25C
58
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
180
A
I
A
T
C = 25C29
A
E
AS
T
C = 25C
2.5
J
P
D
T
C = 25C
540
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque
1.13 / 10
Nm/lb.in
Weight
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
250
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = 20V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
10
A
T
J = 125C
250
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
64 m
Features
Designed for Linear Operation
International Standard Package
Avalanche Rated
Guaranteed FBSOA at 75
C
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Solid State Circuit Breakers
Soft Start Controls
Linear Amplifiers
Programmable Loads
Current Regulators
Advance Technical Information
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D


Similar Part No. - IXTH58N25L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH500N04T2 IXYS-IXTH500N04T2 Datasheet
193Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
MegaMOS FET
logo
Inchange Semiconductor ...
IXTH50N20 ISC-IXTH50N20 Datasheet
380Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH50N25T IXYS-IXTH50N25T Datasheet
235Kb / 6P
Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTH50N30 IXYS-IXTH50N30 Datasheet
587Kb / 4P
Advance Technical Information High Current Power MOSFET
More results

Similar Description - IXTH58N25L2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com