Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F45800TE/ML Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18F45800TE/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F45800TE/ML Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18F45800TE/ML Datasheet HTML 50Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 51Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 52Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 53Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 54Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 55Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 56Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 57Page - Microchip Technology PIC18F45800TE/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 52
Preliminary
 2004 Microchip Technology Inc.
PIE2
2480 2580 4480 4580
00-0 0000
00-0 0000
uu-u uuuu
2480 2580 4480 4580
0--0 000-
0--0 000-
u--u uuu-
IPR1
2480 2580 4480 4580
1111 1111
1111 1111
uuuu uuuu
2480 2580 4480 4580
-111 1111
-111 1111
-uuu uuuu
PIR1
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu(1)
2480 2580 4480 4580
-000 0000
-000 0000
-uuu uuuu
PIE1
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
2480 2580 4480 4580
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
2480 2580 4480 4580
--00 0000
--00 0000
--uu uuuu
TRISE
2480 2580 4480 4580
0000 -111
0000 -111
uuuu -uuu
TRISD
2480 2580 4480 4580
1111 1111
1111 1111
uuuu uuuu
TRISC
2480 2580 4480 4580
1111 1111
1111 1111
uuuu uuuu
TRISB
2480 2580 4480 4580
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
2480 2580 4480 4580
1111 1111(5)
1111 1111(5)
uuuu uuuu(5)
LATE
2480 2580 4480 4580
---- -xxx
---- -uuu
---- -uuu
LATD
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
2480 2580 4480 4580
xxxx xxxx(5)
uuuu uuuu(5)
uuuu uuuu(5)
PORTE
2480 2580 4480 4580
---- x000
---- x000
---- uuuu
PORTD
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
2480 2580 4480 4580
xx0x 0000(5)
uu0u 0000(5)
uuuu uuuu(5)
ECANCON
2480 2580 4480 4580
0001 0000
0001 0000
uuuu uuuu
TXERRCNT
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
RXERRCNT
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
COMSTAT
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
CIOCON
2480 2580 4480 4580
--00 ----
--00 ----
--uu ----
BRGCON3
2480 2580 4480 4580
00-- -000
00-- -000
uu-- -uuu
BRGCON2
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
BRGCON1
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com