Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AA3528LSECKT/J3 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # AA3528LSECKT/J3
Description  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3528LSECKT/J3 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3528LSECKT/J3 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528LSECKT/J3 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528LSECKT/J3 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528LSECKT/J3 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 / 4
© 2019 Kingbright. All Rights Reserved. Spec No: DSAO7530 / 1201009173 Rev No: V.3A Date: 04/11/2019
DESCRIPTIONS
The Hyper Red device is based on light emitting diode
chip made from AlGaInP
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Single color
Suitable for all SMD assembly and solder process
Available on tape and reel
Ideal for backlighting
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
AA3528LSECKT/J3
3.5 x 2.8 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 2mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
AA3528LSECKT/J3
■ Hyper Red (AlGaInP)
Water Clear
120
180
*30
*50
120
°
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - AA3528LSECKT/J3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528LSECKT/J3 KINGBRIGHT-AA3528LSECKT/J3 Datasheet
273Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3528LSECKT/J3

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AAA3528LSEKJ3ZGKQBKS TO-GRACE-AAA3528LSEKJ3ZGKQBKS Datasheet
1Mb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSURKS TO-GRACE-AAA3528QWDSURKS Datasheet
956Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AAA3528QWDSYKS-AMT TO-GRACE-AAA3528QWDSYKS-AMT Datasheet
1Mb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
AM2520QBC-D03 TO-GRACE-AM2520QBC-D03 Datasheet
823Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528LZGCKT TO-GRACE-AA3528LZGCKT Datasheet
870Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SECKT-J3 TO-GRACE-AA3528SECKT-J3 Datasheet
866Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SESK-J3 TO-GRACE-AA3528SESK-J3 Datasheet
901Kb / 4P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528SYCKT-AMT TO-GRACE-AA3528SYCKT-AMT Datasheet
979Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2 TO-GRACE-AA3528VR41S-W2 Datasheet
852Kb / 5P
3.5 x 2.8 mm Surface Mount LED Lamp
AA3528VR41S-W2-AMT TO-GRACE-AA3528VR41S-W2-AMT Datasheet
1Mb / 6P
3.5 x 2.8 mm Surface Mount LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com