Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0102DCT Datasheet(PDF) 1 Page - Texas Instruments

Part # LSF0102DCT
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCT Datasheet(HTML) 1 Page - Texas Instruments

  LSF0102DCT Datasheet HTML 1Page - Texas Instruments LSF0102DCT Datasheet HTML 2Page - Texas Instruments LSF0102DCT Datasheet HTML 3Page - Texas Instruments LSF0102DCT Datasheet HTML 4Page - Texas Instruments LSF0102DCT Datasheet HTML 5Page - Texas Instruments LSF0102DCT Datasheet HTML 6Page - Texas Instruments LSF0102DCT Datasheet HTML 7Page - Texas Instruments LSF0102DCT Datasheet HTML 8Page - Texas Instruments LSF0102DCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
EN
1
2
3
4
5
6
GND
Vref_A
Vref_B
A1
B1
DTQ Package
6-Pin X2SON
Transparent Top View
2
5
1
3
4
6
GND
Vref_A
A1
EN
Vref_B
B1
DRY Package
6-Pin SON
Transparent Top View
YZT Package
8-Pin DSBGA
Bottom View
DQE Package
8-Pin X2SON
Transparent Top View
RKS Package
20-Pin VQFN
Transparent Top View
D1
C1
B1
A1
A2
B2
C2
D2
EN
GND
Vref_A
Vref_B
A1
B1
B2
A2
1
2
3
4
8
7
6
5
EN
GND
Vref_A
Vref_B
A1
B1
B2
A2
LSF0101
LSF0102
LSF0108
19
18
17
16
15
14
13
12
2
3
4
5
6
7
8
9
Thermal
Pad
GND EN
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8 B8
Vref_A
Vref_B
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains ADVANCE
INFORMATION for pre-production products; subject to change without notice.
LSF0101, LSF0102, LSF0108
SDLS966H – DECEMBER 2013 – REVISED JUNE 2019
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain
and Push-Pull Applications
1
1 Features
1
•
Provides bidirectional voltage translation with no
direction pin
•
Supports up to 100-MHz up translation and
greater than 100-MHz down translation at
≤ 30pF cap load and up To 40-MHz up/down
translation at 50pF cap load
•
Allows bidirectional voltage-level translation
between
–
0.95 V
↔ 1.8/2.5/3.3/5 V
–
1.2 V
↔ 1.8/2.5/3.3/5 V
–
1.8 V
↔ 2.5/3.3/5 V
–
2.5 V
↔ 3.3/5 V
–
3.3 V
↔ 5 V
•
Low standby current
•
5-V tolerance I/O port to support TTL
•
Low RON provides less signal distortion
•
High-impedance I/O pins for EN = Low
•
Flow-through pinout for easy PCB trace routing
•
Latch-up performance >100 mA per JESD 17
•
–40°C to 125°C Operating temperature range
2 Applications
•
GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and other interfaces in telecom infrastructure
•
Enterprise Systems
•
Communications Equipment
•
Personal Electronics
•
Industrial Applications
3 Description
The LSF family of devices supports bidirectional
voltage translation without the need for DIR pin which
minimizes system effort (for PMBus, I2C, SMBus,
etc.). The LSF family of devices supports up to 100-
MHz up translation and greater than 100-MHz down
translation at
≤ 30pF cap load and up to 40-MHz
up/down translation at 50pF cap load which allows
the LSF family to support more consumer or telecom
interfaces (MDIO or SDIO).
LSF family supports 5-V tolerance on I/O port which
makes it compatible with TTL levels in industrial and
telecom applications. The LSF family is able to set up
different voltage translation levels on each channel
which makes it very flexible.
Device Information(1)
PART NUMBER
PACKAGE(PINS)
BODY SIZE (NOM)
LSF0101DRY
SON (6)
1.45 mm × 1.00 mm
LSF0101DTQ(2)
X2SON (6)
1.00 mm x 0.80 mm
LSF0102DQE
X2SON (8)
1.40 mm × 1.00 mm
LSF0102YZT
DSBGA (8)
1.90 mm × 1.00 mm
LSF0102DCT
SM8 (8)
2.80 mm × 2.95 mm
LSF0102DCU
VSSOP (8)
2.30 mm × 2.00 mm
LSF0108RKS
VQFN (20)
4.50 mm × 2.50 mm
LSF0108PW
TSSOP (20)
4.40 mm × 6.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Advance Information


Similar Part No. - LSF0102DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0102DCTR TI1-LSF0102DCTR Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0102DCTR TI-LSF0102DCTR Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102DCTR TI-LSF0102DCTR Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102DCTR TI1-LSF0102DCTR Datasheet
1Mb / 42P
LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
REVISED APRIL 2024
LSF0102DCTR TI2-LSF0102DCTR Datasheet
1Mb / 42P
LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
REVISED APRIL 2024
More results

Similar Description - LSF0102DCT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
Bidirectional voltage level translator for open-drain and push-pull applications
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
LSF0108 TI-LSF0108 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0108 TI-LSF0108_V01 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com