Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPCH982C Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH982C
Description  COP880C Microcontroller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH982C Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COPCH982C Datasheet HTML 10Page - National Semiconductor (TI) COPCH982C Datasheet HTML 11Page - National Semiconductor (TI) COPCH982C Datasheet HTML 12Page - National Semiconductor (TI) COPCH982C Datasheet HTML 13Page - National Semiconductor (TI) COPCH982C Datasheet HTML 14Page - National Semiconductor (TI) COPCH982C Datasheet HTML 15Page - National Semiconductor (TI) COPCH982C Datasheet HTML 16Page - National Semiconductor (TI) COPCH982C Datasheet HTML 17Page - National Semiconductor (TI) COPCH982C Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Functional Description (Continued)
DETECTION OF ILLEGAL CONDITIONS
The device contains a hardware mechanism that allows it to
detect illegal conditions which may occur from coding errors,
noise and “brown out” voltage drop situations. Specifically it
detects cases of executing out of undefined ROM area and
unbalanced stack situations.
Reading an undefined ROM location returns 00 (hexadeci-
mal) as its contents. The opcode for a software interrupt is
also “00”. Thus a program accessing undefined ROM will
cause a software interrupt.
Reading an undefined RAM location returns an FF (hexa-
decimal). The subroutine stack grows down for each subrou-
tine call. By initializing the stack pointer to the top of RAM,
the first unbalanced return instruction will cause the stack
pointer to address undefined RAM. As a result the program
will attempt to execute from FFFF (hexadecimal), which is an
undefined ROM location and will trigger a software interrupt.
MICROWIRE/PLUS
MICROWIRE/PLUS is a serial synchronous bidirectional
communications interface. The MICROWIRE/PLUS capabil-
ity enables the device to interface with any of National
Semiconductor’s MICROWIRE peripherals (i.e. A/D convert-
ers, display drivers, EEPROMS, etc.) and with other micro-
controllers which support the MICROWIRE/PLUS interface.
It consists of an 8-bit serial shift register (SIO) with serial
data input (SI), serial data output (SO) and serial shift clock
(SK).
Figure 7 shows the block diagram of the MICROWIRE/
PLUS interface.
The shift clock can be selected from either an internal source
or an external source. Operating the MICROWIRE/PLUS
interface with the internal clock source is called the Master
mode of operation. Similarly, operating the MICROWIRE/
PLUS interface with an external shift clock is called the Slave
mode of operation.
The CNTRL register is used to configure and control the
MICROWIRE/PLUS mode. To use the MICROWIRE/PLUS,
the MSEL bit in the CNTRL register is set to one. The SK
clock rate is selected by the two bits, SL0 and SL1, in the
CNTRL register.
Table 3 details the different clock rates that
may be selected.
TABLE 3.
SL1
SL0
SK Cycle Time
00
2t
C
01
4t
C
1x
8t
C
where,
t
C is the instruction cycle clock.
MICROWIRE/PLUS OPERATION
Setting the BUSY bit in the PSW register causes the
MICROWIRE/PLUS arrangement to start shifting the data. It
gets reset when eight data bits have been shifted. The user
may reset the BUSY bit by software to allow less than 8 bits
to shift. The devoce may enter the MICROWIRE/PLUS
mode either as a Master or as a Slave.
Figure 8 shows how
two COP880C microcontrollers and several peripherals may
be interconnected using the MICROWIRE/PLUS arrange-
ment.
Master MICROWIRE/PLUS Operation
In the MICROWIRE/PLUS Master mode of operation the
shift clock (SK) is generated internally. The MICROWIRE/
PLUS Master always initiates all data exchanges. (See
Fig-
ure 8). The MSEL bit in the CNTRL register must be set to
enable the SO and SK functions onto the G Port. The SO
and SK pins must also be selected as outputs by setting
appropriate bits in the Port G configuration register.
Table 4
summarizes the bit settings required for Master mode of
operation.
SLAVE MICROWIRE/PLUS OPERATION
In the MICROWIRE/PLUS Slave mode of operation the SK
clock is generated by an external source. Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
onto the G Port. The SK pin must be selected as an input
and the SO pin is selected as an output pin by appropriately
setting up the Port G configuration register.
Table 4 summa-
rizes the settings required to enter the Slave mode of opera-
tion.
The user must set the BUSY flag immediately upon entering
the Slave mode. This will ensure that all data bits sent by the
Master will be shifted properly. After eight clock pulses the
BUSY flag will be cleared and the sequence may be re-
peated. (See
Figure 8.)
DS010802-8
FIGURE 6. Interrupt Block Diagram
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com