Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP640C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP640C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP640C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP640C Datasheet HTML 1Page - National Semiconductor (TI) COP640C Datasheet HTML 2Page - National Semiconductor (TI) COP640C Datasheet HTML 3Page - National Semiconductor (TI) COP640C Datasheet HTML 4Page - National Semiconductor (TI) COP640C Datasheet HTML 5Page - National Semiconductor (TI) COP640C Datasheet HTML 6Page - National Semiconductor (TI) COP640C Datasheet HTML 7Page - National Semiconductor (TI) COP640C Datasheet HTML 8Page - National Semiconductor (TI) COP640C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
COP920C/COP922C/COP940C/COP942C
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
COP92XC, COP94XC; 0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
COP9XXC
2.3
4.0
V
COP9XXCH
4.0
6.0
V
Power Supply Ripple (Note 2)
Peak to Peak
0.1 V
CC
V
Supply Current (Note 3)
CKI = 10 MHz
V
CC = 6V, tc = 1 µs
6.0
mA
CKI = 4 MHz
V
CC = 6V, tc = 2.5 µs
4.0
mA
CKI = 4 MHz
V
CC = 4V, tc = 2.5 µs
2.0
mA
CKI = 1 MHz
V
CC = 4V, tc = 10 µs
1.2
mA
HALT Current
V
CC = 6V, CKI = 0 MHz
<0.7
8.0
µA
(Note 4)
V
CC = 4V, CKI = 0 MHz
<0.4
5.0
µA
Input Levels
RESET , CKI
Logic High
0.9 V
CC
V
Logic Low
0.1 V
CC
V
All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 6.0V
−1
+1
µA
Input Pullup Current
V
CC = 6.0V, VIN = 0V
−40
−250
µA
G Port Input Hysteresis
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.8V
−0.4
mA
V
CC = 2.3V, VOH = 1.6V
−0.2
mA
Sink
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.3V, VOL = 0.4V
2
mA
All Others
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 3.2V
−10
−110
µA
V
CC = 2.3V, VOH = 1.6V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−0.4
mA
V
CC = 2.3V, VOH = 1.6V
−0.2
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
V
CC = 2.3V, VOL = 0.4V
0.7
TRI-STATE Leakage
V
CC = 6.0V
−1.0
+1.0
µA
Allowable Sink/Source
Current Per Pin
D Outputs (Sink)
15
mA
All Others
3mA
Maximum Input Current (Note 5)
Without Latchup (Room Temp)
Room Temp
±100
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com