Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F25800TE/MLQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F25800TE/MLQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F25800TE/MLQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F25800TE/MLQTP Datasheet HTML 48Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 49Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 50Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 51Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 52Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 53Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 54Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 55Page - Microchip Technology PIC18F25800TE/MLQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 50
Preliminary
 2004 Microchip Technology Inc.
BSR
2480 2580 4480 4580
---- 0000
---- 0000
---- uuuu
INDF2
2480 2580 4480 4580
N/A
N/A
N/A
POSTINC2
2480 2580 4480 4580
N/A
N/A
N/A
POSTDEC2
2480 2580 4480 4580
N/A
N/A
N/A
PREINC2
2480 2580 4480 4580
N/A
N/A
N/A
PLUSW2
2480 2580 4480 4580
N/A
N/A
N/A
FSR2H
2480 2580 4480 4580
---- 0000
---- 0000
---- uuuu
FSR2L
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
2480 2580 4480 4580
---x xxxx
---u uuuu
---u uuuu
TMR0H
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
TMR0L
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
2480 2580 4480 4580
1111 1111
1111 1111
uuuu uuuu
OSCCON
2480 2580 4480 4580
0100 q000
0100 00q0
uuuu uuqu
HLVDCON
2480 2580 4480 4580
0-00 0101
0-00 0101
0-uu uuuu
WDTCON
2480 2580 4480 4580
---- ---0
---- ---0
---- ---u
RCON(4)
2480 2580 4480 4580
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
2480 2580 4480 4580
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
PR2
2480 2580 4480 4580
1111 1111
1111 1111
1111 1111
T2CON
2480 2580 4480 4580
-000 0000
-000 0000
-uuu uuuu
SSPBUF
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
SSPCON1
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
SSPCON2
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
ADRESH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2480 2580 4480 4580
--00 0000
--00 0000
--uu uuuu
ADCON1
2480 2580 4480 4580
--00 0qqq
--00 0qqq
--uu uuuu
ADCON2
2480 2580 4480 4580
0-00 0000
0-00 0000
u-uu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com