Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV321 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # LMV321
Description  1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

LMV321 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  LMV321 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd LMV321 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
321/358/324
1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
V1
1/16
Features
Single-Supply Operation from +2.1V ~ +5.5V
Rail-to-Rail Input / Output
Gain-Bandwidth Product: 1MHz (Typ.)
Low Input Bias Current: 1pA (Typ.)
Low Offset Voltage: 3.5mV (Max.)
Quiescent Current: 40µA per Amplifier (Typ.)
Operating Temperature: -40°C ~ +125°C
Embedded RF Anti-EMI Filter
Small Package:
LMV321 Available in SOT23-5 and SC70-5 Packages
LMV358 Available in SOP-8, MSOP-8, DIP-8 and DFN-8
Packages
LMV324 Available in SOP-14 and TSSOP-14 Packages
General Description
The
LMV321 family have a high gain-bandwidth product of 1MHz, a slew rate of 0.6V/μs, and a quiescent current of 40μ
A/amplifier at 5V. The
LMV321 family is designed to provide optimal performance in low voltage and low noise systems. They
provide rail-to-rail output swing into heavy loads. The input common mode voltage range includes ground, and the maximum
input offset voltage is 3.5mV for
LMV321 family. They are specified over the extended industrial temperature range (-40℃ to
+125
℃). The operating range is from 2.1V to 5.5V. The LMV321 single is available in Green SC70-5 and SOT-23-5 packages.
The
LMV358 Dual is available in Green SOP-8, MSOP-8, DIP-8 and DFN-8 packages. The LMV324 Quad is available in Green
SOP-14 and TSSOP-14 packages.
Applications
ASIC Input or Output Amplifier
Sensor Interface
Medical Communication
Smoke Detectors
Audio Output
Piezoelectric Transducer Amplifier
Medical Instrumentation
Portable Systems
Pin Configuration
SOT23-5/SC70-5
Figure 1. Pin Assignment Diagram
SOT23-5/SC70-5
1
2
3
VSS
IN+
OUT
VDD
5
4 IN-
LMV321Y
LMV321
LMV358
LMV358
LMV324


Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
AiT Semiconductor Inc.
AO1369 AITSEMI-AO1369 Datasheet
854Kb / 12P
600nA 14.5kHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378 AITSEMI-AO1378 Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO321V AITSEMI-AO321V Datasheet
1Mb / 14P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
AO324V AITSEMI-AO324V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO358V AITSEMI-AO358V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
logo
TECH PUBLIC Electronics...
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com