Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMSB Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HMSB
Description  Shielded Power Inductor??Low Cost Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMSB Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMSB Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMSB Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMSB Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMSB Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMSB Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMSB Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
 
4 
Part Number
Inductance(μH)
Test Freq.
Tolerance
DCR1 Max.(Ω)
IRated2
HMSB125-270MF
27
1KHz, 0.3V
±20%
0.051
2.30
HMSB125-330MF
33
1KHz, 0.3V
±20%
0.057
2.10
HMSB125-390MF
39
1KHz, 0.3V
±20%
0.068
2.00
HMSB125-470MF
47
1KHz, 0.3V
±20%
0.075
1.80
HMSB125-560MF
56
1KHz, 0.3V
±20%
0.110
1.70
HMSB125-680MF
68
1KHz, 0.3V
±20%
0.120
1.50
HMSB125-820MF
82
1KHz, 0.3V
±20%
0.140
1.40
HMSB125-101MF
100
1KHz, 0.3V
±20%
0.160
1.30
HMSB125-121MF
120
1KHz, 0.3V
±20%
0.170
1.10
HMSB125-151MF
150
1KHz, 0.3V
±20%
0.230
1.00
HMSB125-181MF
180
1KHz, 0.3V
±20%
0.290
0.90
HMSB125-221MF
220
1KHz, 0.3V
±20%
0.400
0.80
HMSB125-271MF
270
1KHz, 0.3V
±20%
0.460
0.75
HMSB125-331MF
330
1KHz, 0.3V
±20%
0.510
0.68
HMSB125-391MF
390
1KHz, 0.3V
±20%
0.690
0.65
HMSB125-471MF
470
1KHz, 0.3V
±20%
0.770
0.58
HMSB125-561MF
560
1KHz, 0.3V
±20%
0.860
0.54
HMSB125-681MF
680
1KHz, 0.3V
±20%
1.200
0.48
HMSB127-1R0NF
1.0
100KHz, 0.3V
±30%
0.006
12.00
HMSB127-2R2NF
2.2
100KHz, 0.3V
±30%
0.012
8.00
HMSB127-3R3NF
3.3
100KHz, 0.3V
±30%
0.013
8.00
HMSB127-4R7NF
4.7
100KHz, 0.3V
±30%
0.016
6.80
HMSB127-6R8NF
6.8
100KHz, 0.3V
±30%
0.019
6.60
HMSB127-8R2NF
8.2
100KHz, 0.3V
±30%
0.020
5.60
HMSB127-100MF
10
1KHz, 0.3V
±20%
0.021
5.40
HMSB127-120MF
12
1KHz, 0.3V
±20%
0.024
4.90
HMSB127-150MF
15
1KHz, 0.3V
±20%
0.027
4.50
HMSB127-180MF
18
1KHz, 0.3V
±20%
0.039
3.90
HMSB127-220MF
22
1KHz, 0.3V
±20%
0.043
3.60
HMSB127-270MF
27
1KHz, 0.3V
±20%
0.046
3.40
HMSB127-330MF
33
1KHz, 0.3V
±20%
0.065
3.00
HMSB127-390MF
39
1KHz, 0.3V
±20%
0.073
2.75
HMSB127-470MF
47
1KHz, 0.3V
±20%
0.100
2.50
HMSB127-560MF
56
1KHz, 0.3V
±20%
0.110
2.35
HMSB127-680MF
68
1KHz, 0.3V
±20%
0.140
2.10
HMSB127-820MF
82
1KHz, 0.3V
±20%
0.160
1.95
HMSB127-101MF
100
1KHz, 0.3V
±20%
0.220
1.70
HMSB127-121MF
120
1KHz, 0.3V
±20%
0.250
1.60
HMSB127-151MF
150
1KHz, 0.3V
±20%
0.280
1.42
HMSB127-181MF
180
1KHz, 0.3V
±20%
0.350
1.30
HMSB127-221MF
220
1KHz, 0.3V
±20%
0.390
1.16
HMSB127-271MF
270
1KHz, 0.3V
±20%
0.560
1.06
HMSB127-331MF
330
1KHz, 0.3V
±20%
0.640
0.95
HMSB127-391MF
390
1KHz, 0.3V
±20%
0.700
0.88
HMSB127-471MF
470
1KHz, 0.3V
±20%
0.980
0.79
Series
Shielded Power Inductor– Low Cost Type
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com