Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F24800TE/MLSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F24800TE/MLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F24800TE/MLSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F24800TE/MLSQTP Datasheet HTML 1Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 2Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 3Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 4Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 5Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 6Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 7Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 8Page - Microchip Technology PIC18F24800TE/MLSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 1
PIC18F2480/2580/4480/4580
Power Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 5.8
µA typical
• Sleep mode current down to 0.1
µA typical
• Timer1 Oscillator: 1.1
µA, 32 kHz, 2V
• Watchdog Timer: 2.1
µA
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4X Phase Lock Loop (PLL) – available for crystal
and internal oscillators)
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal oscillator block:
- 8 user selectable frequencies, from 31 kHz to 8 MHz
- Provides a complete range of clock speeds,
from 31 kHz to 32 MHz when used with PLL
- User tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor
- Allows for safe shutdown if peripheral clock stops
Special Microcontroller Features:
• C compiler optimized architecture with optional
extended instruction set
• 100,000 erase/write cycle Enhanced Flash
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory typical
• Flash/Data EEPROM Retention: > 40 years
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 41 ms to 131s
• Single-Supply 5V In-Circuit Serial
Programming™ (ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range: 2.0V to 5.5V
Peripheral Highlights:
• High current sink/source 25 mA/25 mA
• Three external interrupts
• One Capture/Compare/PWM (CCP) module
• Enhanced Capture/Compare/PWM (ECCP) module
(40/44-pin devices only):
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown and Auto-Restart
• Master Synchronous Serial Port (MSSP) module
supporting 3-wire SPI™ (all 4 modes) and I2C™
Master and Slave modes
• Enhanced Addressable USART module
- Supports RS-485, RS-232 and LIN 1.3
- RS-232 operation using internal oscillator
block (no external crystal required)
- Auto-Wake-up on Start bit
- Auto-Baud detect
• 10-bit, up to 11-channel Analog-to-Digital
Converter module (A/D), up to 100 Ksps
- Auto-acquisition capability
- Conversion available during Sleep
• Dual analog comparators with input multiplexing
ECAN Module Features:
• Message bit rates up to 1 Mbps
• Conforms to CAN 2.0B ACTIVE Specification
• Fully backward compatible with PIC18XXX8 CAN
modules
• Three modes of operation:
- Legacy, Enhanced Legacy, FIFO
• Three dedicated transmit buffers with prioritization
• Two dedicated receive buffers
• Six programmable receive/transmit buffers
• Three full 29-bit acceptance masks
• 16 full 29-bit acceptance filters w/ dynamic association
• DeviceNet™ data byte filter support
• Automatic remote frame handling
• Advanced error management features
Device
Program Memory
Data Memory
I/O
10-bit
A/D (ch)
CCP/
ECCP
(PWM)
MSSP
Comp.
Timers
8/16-bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI™
Master
I2C™
PIC18F2480
16K
8192
768
256
25
8
1/0
Y
Y
1
0
1/3
PIC18F2580
32K
16384
1536
256
36
8
1/0
Y
Y
1
0
1/3
PIC18F4480
16K
8192
768
256
25
11
1/1
Y
Y
1
2
1/3
PIC18F4580
32K
16384
1536
256
36
11
1/1
Y
Y
1
2
1/3
28/40/44-Pin Enhanced Flash Microcontrollers with
ECAN™ Technology, 10-Bit A/D and nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com