Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F25800TE/MLSQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F25800TE/MLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F25800TE/MLSQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F25800TE/MLSQTP Datasheet HTML 9Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 10Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 11Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 12Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 13Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 14Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 15Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 16Page - Microchip Technology PIC18F25800TE/MLSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 11
PIC18F2480/2580/4480/4580
FIGURE 1-2:
PIC18F4480/4580 (40/44-PIN) BLOCK DIAGRAM
Instruction
Decode &
Control
Data Address<12>
12
Access
BSR
44
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(16/32 Kbytes)
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PORTD
RD0/PSP0
PCLATU
PCU
PORTE
MCLR/VPP/RE3(1)
RE2/CS/AN7/C2OUT
RE0/RD/AN5
RE1/WR/AN6/C1OUT
Note
1:
RE3 is multiplexed with MCLR and is only available when the MCLR Resets are disabled.
2:
OSC1/CLKI and OSC2/CLKO are only available in select oscillator modes and when these pins are not being used as digital I/O.
Refer to Section 2.0 “Oscillator Configurations” for additional information.
/C1IN+
EUSART
Comparator
MSSP
10-bit
ADC
Timer2
Timer1
Timer3
Timer0
CCP1
HLVD
ECCP1
BOR
Data
EEPROM
W
Instruction Bus <16>
STKPTR
Bank
8
State machine
control signals
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1(2)
OSC2(2)
VDD,
Brown-out
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Reference
Band Gap
VSS
MCLR(1)
Block
INTRC
Oscillator
8 MHz
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
T1OSI
T1OSO
RD1/PSP1/C1IN-
RD2/PSP2/C2IN+
RD3/PSP3/C2IN-
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/SS/HLVDIN
RB0/INT0/FLT0/AN10
RC0/T1OSO/T13CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0/CVREF
RB1/INT1/AN8
RB2/INT2/CANTX
RB3/CANRX
OSC2/CLKO/RA6
RB4/KBI0/AN9
RB5/KBI1/PGM
RB6/KBI2/PGC
RB7/KBI3/PGD
OSC1/CLKI/RA7
ECAN
FSR0
FSR1
FSR2
inc/dec
Address
12
Decode
logic
Data Latch
Data Memory
(.7, 1.5 Kbytes)
Address Latch
RD4/PSP4/ECCP1/P1A
RD5/PSP5/P1B
RD6/PSP6/P1C
RD7/PSP7/P1D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com