Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF630M Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF630M
Description  N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF630M Datasheet(HTML) 1 Page - STMicroelectronics

  IRF630M Datasheet HTML 1Page - STMicroelectronics IRF630M Datasheet HTML 2Page - STMicroelectronics IRF630M Datasheet HTML 3Page - STMicroelectronics IRF630M Datasheet HTML 4Page - STMicroelectronics IRF630M Datasheet HTML 5Page - STMicroelectronics IRF630M Datasheet HTML 6Page - STMicroelectronics IRF630M Datasheet HTML 7Page - STMicroelectronics IRF630M Datasheet HTML 8Page - STMicroelectronics IRF630M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2001
IRF630M
IRF630MFP
N-CHANNEL 200V - 0.35
Ω - 9A TO-220/TO-220FP
MESH OVERLAY™ MOSFET
s
TYPICAL RDS(on) = 0.35 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the compa-
ny’s consolidated strip layout-based MESH OVER-
LAY™ process. This technology matches and
improves the performances compared with standard
parts from various sources.
Isolated TO-220 option simplifies assembly and cuts
risk of accidental short circuit in crowded monitor
PCB’s.
.APPLICATIONS
s
MONITOR DISPLAYS
s
GENERAL PURPOSE SWITCH
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
IRF630M
200 V
< 0.40
Ω
9 A
IRF630FPM
200 V
< 0.40
Ω
9 A
Symbol
Parameter
Value
Unit
IRF630M
IRF630MFP
VDS
Drain-source Voltage (VGS = 0)
200
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
200
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
9
9 (**)
A
ID
Drain Current (continuos) at TC = 100°C
5.7
5.7 (**)
A
IDM (q)
Drain Current (pulsed)
36
36
A
PTOT
Total Dissipation at TC = 25°C
75
30
W
Derating Factor
0.6
0.24
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
5
5
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤9A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(**) Limited only by Maximum Temperature Allowed
INTERNAL SCHEMATIC DIAGRAM
1
2
3
TO-220
1
2
3
TO-220FP


Similar Part No. - IRF630M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
IRF630MFP STMICROELECTRONICS-IRF630MFP Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
logo
VBsemi Electronics Co.,...
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
N-Channel 200 V (D-S) MOSFET
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
More results

Similar Description - IRF630M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY™ MOSFET
May-2002
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
16-Feb-2007
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
N-channel 200V - 0.35Ω - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
03-Aug-2006
IRF630M STMICROELECTRONICS-IRF630M_06 Datasheet
326Kb / 14P
N-channel 200V - 0.35Ω - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
28-Jun-2006
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com