Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6115 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6115
Description  High Voltage High Side Current and Voltage Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6115 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6115 Datasheet HTML 9Page - Analog Devices LTC6115 Datasheet HTML 10Page - Analog Devices LTC6115 Datasheet HTML 11Page - Analog Devices LTC6115 Datasheet HTML 12Page - Analog Devices LTC6115 Datasheet HTML 13Page - Analog Devices LTC6115 Datasheet HTML 14Page - Analog Devices LTC6115 Datasheet HTML 15Page - Analog Devices LTC6115 Datasheet HTML 16Page - Analog Devices LTC6115 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC6115
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION: CURRENT SENSE
At maximum supply and maximum output current, the
total power dissipation can exceed 100mW. This will
cause significant heating of the die. In order to prevent
damage to the circuit, the maximum expected dissipa-
tion in each application should be calculated. This num-
ber can be multiplied by the
θJA value listed in the Pin
Configuration section to find the maximum expected die
temperature. This must not be allowed to exceed 150°C,
or performance may be degraded.
As an example, if only the current sense is to run at 100V
supply voltage on V+, with 1mA output current at 125°C:
PQ(MAX) = IV+(MAX) • V+(MAX)
= 720μA • 100V
= 72mW
POUT(MAX) = IOUTI • V+(MAX)
= 1mA • 100V
= 100mW
TRISE =
θJA • PTOTAL(MAX)
= 135°C/W • 172mW
= 23.2°C
TMAX = TAMBIENT + TRISE
= 125°C + 23.2°C
= 148.2°C
The junction temperature will thus be very close to 150°C,
above the specified temperature range. In this case, the
maximum output current should be reduced, which can
be done by changing RIN.
It is important to note that the current sense amplifier has
been designed to provide at least 1mA to the output when
required, and can deliver more depending on the condi-
tions. Care must be taken to limit the maximum output
current by proper choice of sense resistor and, if input
fault conditions exist, external clamps.
Example
If a circuit has an expected ISENSE range of 1A to 1mA,
and (VOUTI/ISENSE) = 3V/1A, then, from the Electrical
Characteristics of the LTC6115 current sense amplifier,
RSENSE ≈ VSENSE(MAX)/ISENSE(MAX) = 500mV/1A = 500mΩ.
Gain = ROUT/RIN = VOUTI(MAX)/VSENSE(MAX) = 3V/500mV = 6.
If the maximum output current, IOUTI, is limited to 1mA,
ROUT equals 3V/1mA ≈ 3.01kΩ (1% value) and RIN =
3kΩ/6 ≈ 499Ω (1% value).
The output error due to DC offset is ±510µV (85µV typi-
cal • gain of 6) and the error due to offset current, IOS is
3kΩ • ±2nA = ±6µV (typical), provided RIN+ = RIN–.
The maximum output error can therefore reach ±516µV
or 0.017% (–75dB) of the output full-scale. Considering
the system input 60dB dynamic range (ISENSE = 1mA to
1A), the 70dB performance of the LTC6115 current sense
amplifier makes this application feasible.
Output Error, EOUT, Due to the Finite DC Open-Loop
Gain, AOL, of the LTC6115 Current Sense Amplifier
This error is inconsequential as the AOL of the amplifier
is very large.
Output Current Limitations Due to Power Dissipation
The current sense amplifier can deliver up to 1mA contin-
uous current to the output pin. This current flows through
RIN and enters the current sense amplifier via the –IN pin.
The power dissipated in the current sense circuit due to
the output signal is:
POUTI = (V–IN – VOUTI) • IOUTI
Since V–IN ≈ V+, POUTI ≈ (V+ – VOUTI) • IOUTI
There is also power dissipated due to the quiescent sup-
ply current:
PQ = IV+ • V+
The total power dissipated is the output dissipation plus
the quiescent dissipation:
PTOTAL = POUTI + PQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com