Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE45450 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE45450
Description  2.92mm Female Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45450 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE45450_V01 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45450_V01 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45450_V01 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45450_V01 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45450_V01 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45450_V01 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES








 

 

 












3. DIMENSIONS ARE IN INCHES [mm].
DWG TITLE

Website:
Pasternack Enterprises, Inc.

CAD FILE
SCALE N/A
SIZE A
R
CAGE CODE 53919
E-Mail:
www.pasternack.com |
P.O. Box 16759 | Irvine | CA | 92623
sales@pasternack.com
Phone: (949) 261-1920 | Fax: (949) 261-7451
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.










 






 














Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com