Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K6R1016V1D-JC08 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6R1016V1D-JC08
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1D-JC08 Datasheet(HTML) 9 Page - Samsung semiconductor

  K6R1016V1D-JC08 Datasheet HTML 1Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 2Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 3Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 4Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 5Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 6Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 7Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 8Page - Samsung semiconductor K6R1016V1D-JC08 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 9 -
July 2004
PRELIMINARY
K6R1004C1D
CMOS SRAM
PACKAGE DIMENSIONS
Units:millimeters/Inches
#1
32-SOJ-400
#32
20.95 ±0.12
0.825 ±0.005
+0.10
MAX
21.36
0.841
0.20 -0.05
+0.004
0.008 -0.002
9.40 ±0.25
0.370 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
1.30
(
)
0.051
0.95
(
)
0.0375
+0.10
0.43 -0.05
+0.004
0.017 -0.002
+0.10
0.71 -0.05
+0.004
0.028 -0.002
1.27
0.050
#16
#17
0.004
0.10 MAX
11.18 ±0.12
0.440 ±0.005



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com