Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC-1608SXK-620H08 Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # FC-1608SXK-620H08
Description  Chip LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

FC-1608SXK-620H08 Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  FC-1608SXK-620H08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. FC-1608SXK-620H08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
表单编号:FGH/BD-0053.01-15A
4/ 7
保存期限:长期
片式 发 光 二 极 管
典型特性曲线
Typical Characteristics Curves
正向电流降额曲线
Forward C urrent Derating C urve
光强与环境温度曲线
Luminous Intensity VS Ambient Temperature
环境温度(
)(℃)
Ambient Temperature
环境温度(
)(℃)
Ambient Temperature
伏安特性
Volt Ampere C haracteristics
-
相对光强与正向电流特性
Relative Luminous Intensity VS Forward Current
正向电流(
)
)
Forward Current
mA
(
350 400
450
500
550
600
650
700
750
波 长(
) (
)
Wavel engt h
nm
光谱分布特性曲线
Relative Spectral Distribution
0
0.5
10°
20°
30°
40°
50°
60°
70°
80°
90°
1
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
90
0
0.5
1
Typical Spatial Distr ibution
光强分布特性曲线
角 度(
) (
. )
Angl e
Deg
T
25
Ambient =℃
T
25
Ambient =℃
0
2 0
4 0
6 0
8 0
1 0 0
正向电压 (
)( )
orward Voltage
V
F
1 . 5
2 . 0
2 . 5
3 . 0
3 . 5
0
5
1 0
1 5
2 0
2 5
3 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com