Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSP2272Y/2K Datasheet(PDF) 4 Page - Texas Instruments

Part # VSP2272Y/2K
Description  CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2272Y/2K Datasheet(HTML) 4 Page - Texas Instruments

  VSP2272Y/2K Datasheet HTML 1Page - Texas Instruments VSP2272Y/2K Datasheet HTML 2Page - Texas Instruments VSP2272Y/2K Datasheet HTML 3Page - Texas Instruments VSP2272Y/2K Datasheet HTML 4Page - Texas Instruments VSP2272Y/2K Datasheet HTML 5Page - Texas Instruments VSP2272Y/2K Datasheet HTML 6Page - Texas Instruments VSP2272Y/2K Datasheet HTML 7Page - Texas Instruments VSP2272Y/2K Datasheet HTML 8Page - Texas Instruments VSP2272Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VSP2272
SLES020 – DECEMBER 2001
4
www.ti.com
Terminal Functions
TERMINAL
TYPE (see
DESCRIPTION
NO.
NAME
TYPE (see
Note 1)
DESCRIPTION
1
B0 (LSB)
DO
A/D converter output, bit 0 (LSB)
2
B1
DO
A/D converter output, bit 1
3
B2
DO
A/D converter output, bit 2
4
B3
DO
A/D converter output, bit 3
5
B4
DO
A/D converter output, bit 4
6
B5
DO
A/D converter output, bit 5
7
B6
DO
A/D converter output, bit 6
8
B7
DO
A/D converter output, bit 7
9
B8
DO
A/D converter output, bit 8
10
B9
DO
A/D converter output, bit 9
11
B10
DO
A/D converter output, bit 10
12
B11 (MSB)
DO
A/D converter output, bit 11 (MSB)
13
DRVDD
P
Power supply for digital output
14
DRVGND
P
Digital ground for digital output
15, 17. 25, 26
35, 36, 41, 42
GNDA
P
Analog ground
16
ADCCK
DI
Clock for digital output buffer
18, 24, 27, 33, 34, 40
VCC
P
Analog power supply
19
PBLK
DI
Preblanking: High = Normal operation mode
Low = Preblanking mode: digital outputs are all 0s
20
CLPOB
DI
Optical black clamp pulse (default = active low) (see Note 5)
21
SHP
DI
CDS reference level sampling pulse (default = active low) (see Note 5)
22
SHD
DI
CDS data level sampling pulse (default = active low) (see Note 5)
23
CLPDM
DI
Dummy pixel clamp pulse (default = active low) (see Note 5)
28
COB
AO
Optical black clamp loop reference (bypass to ground) (see Note 2)
29
BYPP2
AO
Internal reference P (bypass to ground) (see Note 3)
30
CCDIN
AI
CCD signal input
31
BYP
AO
Internal reference C (bypass to ground) (see Note 4)
32
BYPM
AO
Internal reference N (bypass to ground (see Note 3)
37
CM
AO
A/D converter common mode voltage (bypass to ground) (see Note 4)
38
REFP
AO
A/D converter positive reference (bypass to ground) (see Note 4)
39
REFN
AO
A/D converter negative reference (bypass to ground) (see Note 4)
43, 44
NC
Must be left open
45
RESET
DI
Asynchronous system reset (active low)
46
SLOAD
DI
Serial data latch signal (triggered at the rising edge)
47
SDATA
DI
Serial data input
48
SCLK
DI
Clock for serial data shift (triggered at the rising edge)
NOTES:
1. Designators in TYPE: P: power supply and ground, DI: digital input, DO: digital output, AI: analog input, AO: analog output
2. Must be connected to ground with a bypass capacitor. The recommended value is 0.1
µF to 0.22 µF, however it depends on the
application environment. Refer to the optical black level clamp loop section for details.
3. Must be connected to ground with a bypass capacitor. The recommended value is 400 pF to 1000 pF, however it depends on the
application environment. Refer to the voltage reference section for details.
4. Must be connected to ground with a bypass capacitor (0.1
µF). Refer to the voltage reference section for details.
5. Refer to the serial interface section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com