Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1604ASNA Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1604ASNA
Description  PWM/PFM Dual Mode Step-down DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1604ASNA Datasheet(HTML) 5 Page - Anachip Corp

  AP1604ASNA Datasheet HTML 1Page - Anachip Corp AP1604ASNA Datasheet HTML 2Page - Anachip Corp AP1604ASNA Datasheet HTML 3Page - Anachip Corp AP1604ASNA Datasheet HTML 4Page - Anachip Corp AP1604ASNA Datasheet HTML 5Page - Anachip Corp AP1604ASNA Datasheet HTML 6Page - Anachip Corp AP1604ASNA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP1604
PWM/PFM Dual Mode Step-down DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun. 27, 2005
5/7
Typical Application Circuit
0.1uF
V
IN
FB
V
CC
GND
10uH
AP1604A
V
OUT
CE/SS
68uF
2.2V ~ 5.5V
B240A
R2
R1
0.1uF 68uF
V
OUT
10nF
100nF
1MΩ
Vout = 1
×(1 +
R1
R2
)
R1=100K ~ 200K
Marking Information
(1) SOT23-5L
XX : Identification code
(See Appendix)
Y : Year: 0-9
M : Month: A~L
SOT23-5L
XX Y M
12
3
4
5
Appendix
Part Number
Package
Identification
Code
AP1604A
SOT23-5
ER
(2) SON-6L (3*3*0.8mm)
Date Code
Year: 0~9
Month: A~L
Identification Code
( See the table )
XX
XX
Appendix
Part Number
Package
Identification
code
AP1604A
SON-6L
(3*3*0.8mm)
S4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com