Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE7AP1002-1 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7AP1002-1
Description  1 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7AP1002-1 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7AP1002-1 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7AP1002-1 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Data
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
GHz
VSWR
-3.00
-2.70
-2.40
-2.10
-1.80
-1.50
-1.20
-0.90
-0.60
-0.30
0.00
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
dB
GHz
Attenuation
PE7AP1002-1 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: 1 dB Fixed Attenuator, QMA Male to QMA Female Brass Tri-Metal Body Rated to 1 Watt Up to
6 GHz
PE7AP1002-1
RF Fix e d At t e nua t ors Te c hnic a l Da t a She e t
PE7 AP1 0 0 2 -1
1 dB Fixed Attenuator, QMA Male to QMA Female
Brass Tri-Metal Body Rated to 1 Watt Up to 6 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com