Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB55XX Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32WB55XX
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55XX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32WB55XX Datasheet HTML 35Page - STMicroelectronics STM32WB55XX Datasheet HTML 36Page - STMicroelectronics STM32WB55XX Datasheet HTML 37Page - STMicroelectronics STM32WB55XX Datasheet HTML 38Page - STMicroelectronics STM32WB55XX Datasheet HTML 39Page - STMicroelectronics STM32WB55XX Datasheet HTML 40Page - STMicroelectronics STM32WB55XX Datasheet HTML 41Page - STMicroelectronics STM32WB55XX Datasheet HTML 42Page - STMicroelectronics STM32WB55XX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 165 page
background image
DS11929 Rev 3
39/165
STM32WB55xx
Functional overview
69
having three independent outputs allowing the highest flexibility, can generate
independent clocks for the ADC, the RNG and the SAI.
•
Startup clock: after reset, the microcontroller restarts by default with an internal 4 MHz
clock (MSI). The prescaler ratio and clock source can be changed by the application
program as soon as the code execution starts.
•
Clock security system (CSS): this feature can be enabled by software. If an HSE
clock failure occurs, the master clock is automatically switched to HSI16 and a software
interrupt is generated if enabled. LSE failure can also be detected and an interrupt
generated.
•
Clock-out capability:
–
MCO: microcontroller clock output: it outputs one of the internal clocks for
external use by the application. Low frequency clocks (LSIx, LSE) are available
down to Stop 1 low power state.
–
LSCO: low speed clock output: it outputs LSI or LSE in all low-power modes
down to Standby.
Several prescalers allow the user to configure the AHB frequencies, the high speed APB
(APB2) and the low speed APB (APB1) domains. The maximum frequency of the AHB and
the APB domains is 64 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com