Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8802SCFT Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 31Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 32Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 33Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 34Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 35Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 36Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 37Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 38Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
35
USER DATA INPUT (UI)
User data can be input from RX6/UI by switching the RX6/UI input contents using UISEL.
The user data write timing is shown below.
TLRCK
TBCK
UI
U
U
U
U
U
Internal latch signal
Figure 28 User Data Input Timing
MODULATED OUTPUT OF SDIN INPUT DATA
SDIN input data is modulated and can be output from TXO and RXOUT.
The setting to modulate SDIN input data is set using TDTSEL.
A clock should be input to synchronize SDIN to TMCK, TBCK and TLRCK.
Match the SDIN input data format to the setting used during modulation processing.
MONAURAL OUTPUT
It is possible to output the data of only one input data channel at the input rate of fs/2 with
TXMOD[0:1].
This operation maintains the bi-phase modulation regularity but there is no correlation between the
data and preambles.
Channel status write is synchronized with the output rate.
The validity flag and user data are written in frame units. Input the same data to the L and R
channels.
TLRCK
TDATA
TXO [1]
L2
L3
L4
L1
L0
TXO [2]
R2
R3
R4
R1
R0
L1
R1
L2
R2
L3
R3
L4
R4
L5
R5
R0
M
W
M
W
M
W
M
W
M
M
Ln
Rn
Figure 29 Modulation of Data of Single Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com