Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6960EVCMODU Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6960EVCMODU
Description  MAX6960 Evaluation Kit/Evaluation System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6960EVCMODU Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6960EVCMODU Datasheet HTML 9Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 10Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 11Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 12Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 13Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 14Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 15Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 16Page - Maxim Integrated Products MAX6960EVCMODU Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MAX6960 Evaluation Kit/Evaluation System
______________________________________________________________________________________
13
RP2
20k
Ω
RP1
20k
Ω
U1ROW1
U1ROW2
U1ROW3
U1ROW4
U1ROW5
U1ROW6
U1ROW7
U1ROW8
ROW1
GND
ROW2
ROW3
ROW4
ROW5
ROW6
ROW7
ROW8
U1COL13
U1ROW1
U1ROW2
U1ROW3
U1ROW4
U1ROW5
U1ROW6
U1ROW7
U1ROW8
U1COL12
U1COL11
ADDINROW1
U1COL10
U1COL9
U1COL8
U1COL7
U1COL6
U1COL5
U1COL4
COL13
COL12
COL11
COL10
COL9
COL8
COL7
COL6
COL5
COL4
GND
GND
1
1
2
2
JU1
JU2
3
3
1
2
3
1
2
3
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
+3.3V
+3.3V
C4
10
µF
C1
10
µF
C2
10
µF
C3
10
µF
+3.3V
+3.3V
JU16
JU3
+3.3V
1
2
3
MAX6960
U1
D1
LDM-244288MI
V+
23 20 17 14 258 11
24 21 18 15 147 10
22
19
16
13
3
6
9
12
Figure 5. MAX6960 EV Kit Schematic (Sheet 1 of 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com